Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 3 Page - Texas Instruments

  LMH0395_15 Datasheet HTML 1Page - Texas Instruments LMH0395_15 Datasheet HTML 2Page - Texas Instruments LMH0395_15 Datasheet HTML 3Page - Texas Instruments LMH0395_15 Datasheet HTML 4Page - Texas Instruments LMH0395_15 Datasheet HTML 5Page - Texas Instruments LMH0395_15 Datasheet HTML 6Page - Texas Instruments LMH0395_15 Datasheet HTML 7Page - Texas Instruments LMH0395_15 Datasheet HTML 8Page - Texas Instruments LMH0395_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
4
3
2
LMH0395
18
15
16
17
10
7
8
9
21
24
23
22
VEE
SDI
5
6
SPI_EN
12
11
13
14
SDO0
19
20
VEE
SDI
VEE
VEE
SDO0
VEE
SDO1
SDO1
DAP = VEE
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
5 Pin Configuration and Functions
RUM Package
24-Pin WQFN (non-SPI)
Top View
Pin Functions – Pin Mode (Non-SPI) / SPI_EN = GND(1)
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VEE
Ground
Negative power supply (ground)
2
VEE
Ground
Negative power supply (ground)
3
SDI
I, Analog
Serial data true input
4
SDI
I, Analog
Serial data complement input
5
VEE
Ground
Negative power supply (ground)
SPI register access enable
This pin has an internal pulldown.
6
SPI_EN
I, LVCMOS
H = SPI register access mode
L = Pin mode
Output driver 1 (SDO1, SDO1) disable
This pin has an internal pullup.
7
SDO1_DISABLE
I, LVCMOS
H (or no connection) = Output driver 1 is in a high-impedance state
L = Output driver 1 is enabled
8
AEC+
I/O, Analog
AEC loop filter external capacitor (1-µF) positive connection (capacitor is optional)
9
AEC-
I/O, Analog
AEC loop filter external capacitor (1-µF) negative connection (capacitor is optional)
Equalization bypass
This pin has an internal pulldown.
10
BYPASS
I, LVCMOS
H = Equalization is bypassed (no equalization occurs).
L = Normal operation
Mute reference input that sets the threshold for CD and (with CD tied to MUTE) and
11
MUTEREF
I, Analog
determines the maximum cable to be equalized before muting. MUTEREF may be either
unconnected or connected to ground for normal CD operation.
12
VEE
Ground
Negative power supply (ground)
13
VEE
Ground
Negative power supply (ground)
14
SDO0
O, LVDS
Serial data output 0 complement
15
SDO0
O, LVDS
Serial data output 0 true
16
VEE
Ground
Negative power supply (ground)
17
SDO1
O, LVDS
Serial data output 1 complement
18
SDO1
O, LVDS
Serial data output 1 true
(1)
The exposed die attach pad is a negative electrical terminal for this device. It should be connected to the negative power supply voltage.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com