Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 25 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 21Page - Texas Instruments LMH0395_15 Datasheet HTML 22Page - Texas Instruments LMH0395_15 Datasheet HTML 23Page - Texas Instruments LMH0395_15 Datasheet HTML 24Page - Texas Instruments LMH0395_15 Datasheet HTML 25Page - Texas Instruments LMH0395_15 Datasheet HTML 26Page - Texas Instruments LMH0395_15 Datasheet HTML 27Page - Texas Instruments LMH0395_15 Datasheet HTML 28Page - Texas Instruments LMH0395_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
9 Power Supply Recommendations
Follow these general guidelines when designing the power supply:
1. The power supply should be designed to provide the recommended operating conditions in terms of DC
voltage and maximum current consumption.
2. The maximum current draw for the LMH0395 is provided in the data sheet. This number can be used to
calculate the maximum current the supply must provide.
3. The LMH0395 does not require any special power supply filtering, provided the recommended operating
conditions are met. Use 0.1-µF capacitors as close to the device VDD pin as possible
10 Layout
10.1 Layout Guidelines
For information on layout and soldering of the WQFN package, please refer to the following application note: AN-
1187 Leadless Leadframe Package (LLP), SNOA401.
The ST 424, 292, and 259 standards have stringent requirements for the input return loss of receivers, which
essentially specify how closely the input must resemble a 75-
Ω network. Any non-idealities in the network
between the BNC and the equalizer will degrade the input return loss. Care must be taken to minimize
impedance discontinuities between the BNC and the equalizer to ensure that the characteristic impedance of this
trace is 75-
Ω. Please consider the following PCB recommendations:
Use surface mount components, and use the smallest components available. In addition, use the smallest
size component pads.
Select trace widths that minimize the impedance mismatch between the BNC and the equalizer.
Select a board stack-up that supports both 75-
Ω single-ended traces and 100-Ω loosely-coupled differential
traces.
Place return loss components closest to the equalizer input pins.
Maintain symmetry on the complementary signals.
Route 100-
Ω traces uniformly (keep trace widths and trace spacing uniform along the trace).
Avoid sharp bends in the signal path; use 45° or radial bends.
Place bypass capacitors close to each power pin, and use the shortest path to connect equalizer power and
ground pins to the respective power or ground planes.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com