Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 23 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 19Page - Texas Instruments LMH0395_15 Datasheet HTML 20Page - Texas Instruments LMH0395_15 Datasheet HTML 21Page - Texas Instruments LMH0395_15 Datasheet HTML 22Page - Texas Instruments LMH0395_15 Datasheet HTML 23Page - Texas Instruments LMH0395_15 Datasheet HTML 24Page - Texas Instruments LMH0395_15 Datasheet HTML 25Page - Texas Instruments LMH0395_15 Datasheet HTML 26Page - Texas Instruments LMH0395_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
VCC
LMH0395
VEE
SDI
SDI
SDO1
DAP
3
4
6
13
17
18
SPI_EN
SDO1
SS
Coaxial Cable
75:
49.9:
75:
5.6 nH
1.0 PF
1.0 PF
1.0 PF
VCC
0.1 PF
Differential
Outputs
VCC
0.1 PF
MUTEREF
(SPI) SS
(SPI) MOSI
(SPI) SCK
(SPI) MISO
SDO0
14
15
SDO0
1
2
VEE
5
VEE
16
VEE
SDO1_DISABLE
CD
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
8.2 Typical Application
Figure 16 shows the application circuit for the LMH0395 in SPI mode. (Note: The application circuit shows an
external capacitor connected between the AEC+ and AEC- pins as commonly configured in legacy equalizers.
This capacitor is optional and not necessary for the LMH0395; the AEC+ and AEC- pins may be left unconnected
with no change in performance.)
Figure 16. Application Circuit (SPI Mode)
8.2.1 Design Requirements
Table 2 lists the design parameters of the LMH0395.
Table 2. LMH0395 Design Parameters
DESIGN PARAMETERS
REQUIREMENTS
Required. A common type of AC coupling capacitor
Input AC coupling capacitors
is 1 µF ± 10% X7R ceramic capacitor (0402 or
0201 size).
Keep this distance as short as possible to minimize
Distance from Device to BNC
parasitic
Design single-ended trace impedance with 75
Ω ±
High Speed SDI, and SDI, trace impedance
5%
High Speed SDO0, SDO0, SDO1, and SDO1 trace
Design differential trace impedance with 100
Ω ±
impedance
5%
To minimize power supply noise, use 0.1-µF
DC Power Supply Coupling Capacitors
capacitors as close to the device VDD pin as
possible
8.2.2 Detailed Design Procedure
To begin the design process, determine the following:
1. Maximum power draw for PCB regulator selection: Use maximum current consumption in the data sheet to
compute maximum power consumption.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com