Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 22 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 18Page - Texas Instruments LMH0395_15 Datasheet HTML 19Page - Texas Instruments LMH0395_15 Datasheet HTML 20Page - Texas Instruments LMH0395_15 Datasheet HTML 21Page - Texas Instruments LMH0395_15 Datasheet HTML 22Page - Texas Instruments LMH0395_15 Datasheet HTML 23Page - Texas Instruments LMH0395_15 Datasheet HTML 24Page - Texas Instruments LMH0395_15 Datasheet HTML 25Page - Texas Instruments LMH0395_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
9.76 k:
3.16 k:
MOSI
SCK
SS
3.16 k:
3.16 k:
3.3V
Compliant
SPI Host
9.76 k:
9.76 k:
MISO
LMH0395
SNLS323M – AUGUST 2010 – REVISED JULY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMH0395 3 Gbps HD/SD Dual Output SDI Low Power Extended Reach Adaptive Cable Equalizer is
designed to equalize data transmitted over cable (or any media with similar dispersive loss characteristics). The
equalizer operates over a wide range of data rates from 125 Mbps to 2.97 Gbps and supports ST 424, ST 292,
ST 344, ST 259, and DVB-ASI standards. Additional features include separate carrier detect and output mute
pins which may be tied together to mute the output when no signal is present. A programmable mute reference is
provided to mute the output at a selectable level of signal degradation. The bypass pin allows the adaptive
equalizer to be bypassed. The LMH0395 accepts single-ended input. The input must be AC coupled. The
LMH0395 correctly handles equalizer pathological signals for standard definition and high definition serial digital
video, as described in ST RP 178 and RP 198, respectively.
8.1.1 Interfacing to 3.3-V SPI
The LMH0395 may be controlled through optional SPI register access. The LMH0395 SPI pins support 2.5-V
LVCMOS logic levels and are compliant with JEDEC JESD8-5 (see DC Electrical Characteristics). Care must be
taken when interfacing the SPI pins to other voltage levels.
The 2.5-V LMH0395 SPI pins may be interfaced to a 3.3-V compliant SPI host by using a voltage divider or level
translator. One implementation is a simple resistive voltage divider as shown in Figure 15.
Figure 15. 3.3-V SPI Interfacing
8.1.2 Crosstalk Immunity
Single-ended SDI signals are susceptible to crosstalk and good design practices should be employed to
minimize its effects. Most crosstalk originates through capacitive coupling from adjacent signals routed closely
together through traces and connectors. To reduce capacitive coupling, SDI signals should be appropriately
spaced apart or insulated from one another. This can be accomplished by physically isolating signal traces in the
layout and by providing additional ground pins between signal traces in connectors as necessary. These
techniques help to reduce crosstalk but do not eliminate it.
The LMH0395 was designed specifically with crosstalk in mind and incorporates advanced circuit design
techniques that help to isolate and minimize the effects of cross-coupling in high-density system designs.The
LMH0395's enhanced design results in minimal degradation in cable reach in the presence of crosstalk and
overall superior immunity against cross-coupling from neighboring channels.
22
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com