Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 20 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 16Page - Texas Instruments LMH0395_15 Datasheet HTML 17Page - Texas Instruments LMH0395_15 Datasheet HTML 18Page - Texas Instruments LMH0395_15 Datasheet HTML 19Page - Texas Instruments LMH0395_15 Datasheet HTML 20Page - Texas Instruments LMH0395_15 Datasheet HTML 21Page - Texas Instruments LMH0395_15 Datasheet HTML 22Page - Texas Instruments LMH0395_15 Datasheet HTML 23Page - Texas Instruments LMH0395_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
LMH0395
SNLS323M – AUGUST 2010 – REVISED JULY 2015
www.ti.com
Register Maps (continued)
Table 1. SPI Registers (continued)
Address
R/W
Name
Bits
Field
Default
Description
Launch amplitude optimization
setting.
0: Normal optimization with no
external attenuation (800 mVP-P
7
Launch Amplitude Control
0
launch amplitude).
Launch Amplitude
02h
R/W
1: Optimized for 6 dB external
Control
attenuation (400 mVP-P launch
amplitude).
Reserved as 1101000. Always
6:0
Reserved
1101000
write 1101000 to these bits.
SDO1_DISABLE pin has
precedence over this register
setting; must set
SDO1_DISABLE pin low first to
allow control of Driver 1 Disable
7
Driver 1 Disable
0
through this register bit.
0: Output driver 1 (SDO1,
SDO1) enabled.
1: Output driver 1 (SDO1,
SDO1) disabled.
0: Output driver 0 (SDO0,
SDO0) enabled.
6
Driver 0 Disable
0
1: Output driver 0 (SDO0,
03h
R/W
MUTEREF
SDO0) disabled.
0: Use MUTEREF pin.
5
MUTEREF Mode
0
1: Use digital MUTEREF.
Digital MUTEREF (10m per
step).
00000: Mute when cable (EQ
boost)
≥ 10 m.
4:0
Digital MUTEREF Setting
11111
......
01111: Mute when cable (EQ
boost)
≥ 160 m.
......
11111: Never mute.
7:6
Reserved
00
Reserved.
00: LMH0384 device.
01: LMH0394 device.
04h
R
Device ID
5:4
EQ ID
10
10: LMH0395 device.
11: Reserved.
3:0
Die Revision
0011
Die revision.
7:6
Reserved
00
Reserved.
0: SD.
05h
R
Rate Indicator
5
Rate Indicator
1: 3G/HD.
4:0
Reserved
11000
Reserved.
Cable Length Indicator (CLI),
with 10% accuracy.
00000000: Short cable.
......
06h
R
Cable Length Indicator
7:0
Cable Length Indicator
11110111: Maximum cable.
11111000: Reserved.
......
11111111: Reserved.
20
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com