Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 15Page - Texas Instruments LMH0395_15 Datasheet HTML 16Page - Texas Instruments LMH0395_15 Datasheet HTML 17Page - Texas Instruments LMH0395_15 Datasheet HTML 18Page - Texas Instruments LMH0395_15 Datasheet HTML 19Page - Texas Instruments LMH0395_15 Datasheet HTML 20Page - Texas Instruments LMH0395_15 Datasheet HTML 21Page - Texas Instruments LMH0395_15 Datasheet HTML 22Page - Texas Instruments LMH0395_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
7.6 Register Maps
Table 1. SPI Registers
Address
R/W
Name
Bits
Field
Default
Description
Read only.
7
Carrier Detect
0: No carrier detected.
1: Carrier detected.
Mute has precedence over
Bypass.
6
Mute
0
0: Normal operation.
1: Outputs muted.
0: Normal operation.
5
Bypass
0
1: Equalizer bypassed.
Sleep mode control. Sleep has
precedence over Mute and
Bypass.
00: Disable sleep mode (force
equalizer to stay enabled).
01: Sleep mode active when no
4:3
Sleep Mode
01
input signal detected.
10: Force equalizer into sleep
mode (powered down)
00h
R/W
General Control
regardless of whether there is
an input signal or not.
11: Reserved.
Select output driver for
control/status.
0: Register 01h bits [7:1] control
2
Driver Select
0
output driver 0 (SDO0, SDO0)
1: Register 01h bits [7:1] control
output driver 1 (SDO1, SDO1)
Reset registers and state
machine. (This bit is self-
clearing.)
1
Master Reset
0
0: Normal operation.
1: Reset registers and state
machine.
Reset state machine. (This bit is
self-clearing.)
0
Acquisition Reset
0
0: Normal operation.
1: Reset state machine.
Output driver swing (VSSP-P).
00: VSSP-P = 400 mVP-P.
7:6
Output Swing
10
01: VSSP-P = 600 mVP-P.
10: VSSP-P = 700 mVP-P.
11: VSSP-P = 800 mVP-P.
Output driver offset voltage
(common-mode voltage).
00: VOS = 0.8 V.
5:4
Offset Voltage
10
01: VOS = 1.0 V.
10: VOS = 1.2 V.
11: VOS referenced to positive
supply.
01h
R/W
Output Driver
Output driver de-emphasis
control.
3
De-Emphasis
0
0: De-emphasis disabled.
1: De-emphasis enabled.
Output driver de-emphasis
level.
De-Emphasis Amplitude
00: 0 dB (no de-emphasis).
2:1
01
Level
01: -3 dB de-emphasis.
10: -5 dB de-emphasis.
11: -7 dB de-emphasis.
0
Reserved
0
Reserved (read only).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com