Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0395 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH0395_15 Datasheet HTML 13Page - Texas Instruments LMH0395_15 Datasheet HTML 14Page - Texas Instruments LMH0395_15 Datasheet HTML 15Page - Texas Instruments LMH0395_15 Datasheet HTML 16Page - Texas Instruments LMH0395_15 Datasheet HTML 17Page - Texas Instruments LMH0395_15 Datasheet HTML 18Page - Texas Instruments LMH0395_15 Datasheet HTML 19Page - Texas Instruments LMH0395_15 Datasheet HTML 20Page - Texas Instruments LMH0395_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
0x7F
0x5A
1
MOSI
(host)
R/W
Addr
Data
0x7F
0x5A
1
R/W
Addr
Data
0x7F
0x5A
1
R/W
Addr
Data
XX
X
XX
XX
X
XX
XX
X
MISO
(host)
XX
0x7F
0x5A
1
R/W
Addr
Data
0x7F
1
0x5A
0x01
0x22
0
MOSI
(host)
R/W
Addr
Data
(Device 3)
0x00
0xFF
1
R/W
Addr
Data
(Device 2)
0x00
0x10
0
R/W
Addr
Data
(Device 1)
XX
X
XX
XX
X
XX
XX
X
MISO
(host)
0x7F
0xFF
1
R/W
Addr
Data
(Device 3)
0x7F
0xFF
1
R/W
Addr
Data
(Device 2)
0x7F
0xFF
1
R/W
Addr
Data
(Device 1)
0x01
0x22
0
0x00
0x88
1
0x00
0x10
0
48-bit SPI Transaction #1
48-bit SPI Transaction #2
XX
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
Programming (continued)
7.5.1.7 SPI Daisy-Chain Read and Write Example
The following example further clarifies LMH0395 SPI daisy-chain operation. Assume a daisy-chain of three
LMH0395 devices (Device 1, Device 2, and Device 3), with Device 1 as the first device in the chain and Device 3
as the last device in the chain, as shown by the first three devices in Figure 9. Because there are three devices
in the daisy-chain, each SPI transaction is 48-bits long.
This example shows an SPI operation combining SPI reads and writes in order to accomplish the following three
tasks:
1. Write 0x22 to register 0x01 of Device 3 in order to set the output swing of output driver 0 to 400 mVP-P.
2. Read the contents of register 0x00 of Device 2.
3. Write 0x10 to register 0x00 of Device 1 in order to force the sleep mode.
Figure 12 shows the two 48-bit SPI transactions required to complete these tasks (the bits are shifted in left to
right).
Figure 12. SPI Daisy-Chain Read and Write Example
The following occurs at the end of the first transaction:
1. Write 0x22 to register 0x01 of Device 3.
2. Latch the data from register 0x00 of Device 2.
3. Write 0x10 to register 0x00 of Device 1.
In the second transaction, three dummy reads (each consisting of 16 “1”s) are shifted in, and the read data from
Device 2 (with value 0x88) appears on MISO in the 25th through 32nd clock cycles.
7.5.1.8 SPI Daisy-Chain Length Detection
A useful operation for the host may be to detect the length of the daisy-chain. This is a simple matter of shifting
in a series of dummy reads with a known data value (such as 0x5A). For an SPI daisy-chain of N LMH0395
devices, the known data value will appear on the host's MISO pin after N+1 writes. Assuming a daisy-chain of
three LMH0395 devices, the result of this operation is shown in Figure 13.
Figure 13. SPI Daisy-Chain Length Detection
7.5.1.9 Output Driver Adjustments and De-Emphasis Setting
The output driver swing (amplitude), offset voltage (common-mode voltage), and de-emphasis level are
adjustable through SPI register 01h. The output driver to control with SPI register 01h (either output driver 0 or
output driver 1) can be selected through bit 2 of SPI register 00h.
The output swing is adjustable through bits [7:6] of SPI register 01h. The default value for these register bits is
10b for a peak to peak differential output voltage of 700 mVP-P. The output swing can be set for 400 mVP-P, 600
mVP-P , 700 mVP-P, or 800 mVP-P.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH0395


Similar Part No. - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com