Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0302 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0302
Description  3-Gbps HD/SD SDI Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0302 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0302 Datasheet HTML 6Page - Texas Instruments LMH0302 Datasheet HTML 7Page - Texas Instruments LMH0302 Datasheet HTML 8Page - Texas Instruments LMH0302 Datasheet HTML 9Page - Texas Instruments LMH0302 Datasheet HTML 10Page - Texas Instruments LMH0302 Datasheet HTML 11Page - Texas Instruments LMH0302 Datasheet HTML 12Page - Texas Instruments LMH0302 Datasheet HTML 13Page - Texas Instruments LMH0302 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
LMH0302
SNLS247H – APRIL 2007 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMH0302
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
Follow these general guidelines when designing the power supply:
1. The power supply must be designed to provide the recommended operating conditions (see Recommended
Operating Conditions).
2. The maximum current draw for the LMH0302 is provided in Electrical Characteristics – DC. This figure can
be used to calculate the maximum current the supply must provide.
3. The LMH0302 does not require any special power supply filtering, provided the recommended operating
conditions are met. Only standard supply coupling is required.
10 Layout
10.1 Layout Guidelines
TI recommends the following layout guidelines for the LMH0302:
1. The RREF 1% tolerance resistor must be placed as close as possible to the RREF pin. In addition, the copper
in the plane layers below the RREF network must be removed to minimize parasitic capacitance.
2. Choose a suitable board stackup that supports 75-
Ω single-ended trace and 100-Ω differential trace routing
on the top layer of the board. This is typically done with a Layer 2 ground plane reference for the 100-
Ω
differential traces and a second ground plane at Layer 3 reference for the 75-
Ω single-ended traces.
3. Use single-ended uncoupled trace designed with 75-
Ω impedance for signal routing to SDO and SDO. The
trace width is typically 8-10 mil reference to a ground plane at Layer 3.
4. Use coupled differential traces with 100-
Ω impedance for signal routing to SDI and SDI. They are usually
5-mil to 8-mil trace width reference to a ground plane at Layer 2.
5. Place anti-pad (ground relief) on the power and ground planes directly under the 4.7-
μF AC-coupling
capacitor, return loss network, and IC landing pads to minimize parasitic capacitance. The size of the anti-
pad depends on the board stackup and can be determined by a 3-dimension electromagnetic simulation tool.
6. Use a well-designed BNC footprint to ensure the BNC’s signal landing pad achieves 75-
Ω characteristic
impedance. BNC suppliers usually provide recommendations on BNC footprint for best results.
7. Keep trace length short between the BNC and SDO. The trace routing for SDO and SDO must be
symmetrical, approximately equal lengths, and equal loading.
8. The exposed pad EP of the package must be connected to the ground plane through an array of vias. These
vias are solder-masked to avoid solder flow into the plated-through holes during the board manufacturing
process.
9. Connect each supply pin (VCC and VEE) to the power or ground planes with a short via. The via is usually
placed tangent to the landing pads of the supply pins with the shortest trace possible.
10. Power-supply bypass capacitors must be placed close to the supply pins.


Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results

Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com