Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0302
Description  3-Gbps HD/SD SDI Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0302 Datasheet(HTML) 1 Page - Texas Instruments

  LMH0302 Datasheet HTML 1Page - Texas Instruments LMH0302 Datasheet HTML 2Page - Texas Instruments LMH0302 Datasheet HTML 3Page - Texas Instruments LMH0302 Datasheet HTML 4Page - Texas Instruments LMH0302 Datasheet HTML 5Page - Texas Instruments LMH0302 Datasheet HTML 6Page - Texas Instruments LMH0302 Datasheet HTML 7Page - Texas Instruments LMH0302 Datasheet HTML 8Page - Texas Instruments LMH0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ENABLE
LMH0302
SD/HD
SDO
SDI
SDI
ENABLE
SDO
750:
75:
75:
75:
75:
VCC
SD/HD
Differential
Input
VCC
RREF
49.9:
49.9:
1.0 PF
1.0 PF
0.1 PF
4.7 PF
4.7 PF
6.8 nH
6.8 nH
0.1 PF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH0302
SNLS247H – APRIL 2007 – REVISED JUNE 2016
LMH0302 3-Gbps HD/SD SDI Cable Driver
1
1 Features
1
Supports ST 424 (3G), 292 (HD), and 259 (SD)
Data Rates up to 2.97 Gbps
Supports DVB-ASI at 270 Mbps
100-
Ω Differential Input
75-
Ω Single-Ended Outputs
Selectable Slew Rate
Output Driver Power-Down Control
Single 3.3-V Supply Operation
Industrial Temperature Range:
−40°C to 85°C
Typical Power Consumption: 125 mW in SD Mode
and 165 mW in HD Mode
16-Pin WQFN Package
Footprint Compatible With the LMH0002SQ
Replaces the Gennum GS2978
2 Applications
ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces
Digital Video Routers and Switches
Distribution Amplifiers
3 Description
The LMH0302 3-Gbps HD/SD SDI cable driver is
designed for use in ST 424, ST 292, ST 344, and ST
259 serial digital video applications. The LMH0302
drives
75-
transmission
lines
(Belden
1694A,
Belden 8281, or equivalent) at data rates up to
2.97 Gbps.
The LMH0302 provides two selectable slew rates for
ST 259 and ST 424 or 292 compliance. The output
driver may be powered down through the output
driver enable pin.
The LMH0302 is powered from a single 3.3-V supply.
Power consumption is typically 125 mW in SD mode
and 165 mW in HD mode. The LMH0302 is available
in a 16-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH0302
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results

Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com