Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0302 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0302
Description  3-Gbps HD/SD SDI Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0302 Datasheet(HTML) 5 Page - Texas Instruments

  LMH0302 Datasheet HTML 1Page - Texas Instruments LMH0302 Datasheet HTML 2Page - Texas Instruments LMH0302 Datasheet HTML 3Page - Texas Instruments LMH0302 Datasheet HTML 4Page - Texas Instruments LMH0302 Datasheet HTML 5Page - Texas Instruments LMH0302 Datasheet HTML 6Page - Texas Instruments LMH0302 Datasheet HTML 7Page - Texas Instruments LMH0302 Datasheet HTML 8Page - Texas Instruments LMH0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
100 ps/DIV
200 ps/DIV
5
LMH0302
www.ti.com
SNLS247H – APRIL 2007 – REVISED JUNE 2016
Product Folder Links: LMH0302
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics – DC (continued)
Over supply voltage and operating free-air temperature range (unless otherwise noted)
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCMOUT Output common mode voltage
SDO, SDO
VCC – VSDO
V
VSDO
Output voltage swing
Single-ended, 75-
Ω load,
RREF = 750 Ω 1%
720
800
880
mVP−P
VIH
Input voltage high level
SD/HD, ENABLE
2
V
VIL
Input voltage low level
SD/HD, ENABLE
0.8
V
ICC
Supply current
SD/HD = 0, SDO/SDO enabled
50
59
mA
SD/HD = 0, SDO/SDO disabled
26
33
SD/HD = 1, SDO/SDO enabled
38
48
SD/HD = 1, SDO/SDO disabled
15
22
(1)
Typical values are stated for VCC = 3.3 V and TA = 25°C.
(2)
Specification is ensured by characterization.
(3)
Output return loss is dependent on board design. The LMH0302 meets this specification on the SD302 evaluation board.
6.6 Electrical Characteristics – AC
Over supply voltage and operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRSDI
Input data rate
SDI, SDI
2970
Mbps
Tjit
Additive jitter
2.97 Gbps, SDO, SDO
20
psP-P
1.485 Gbps, SDO, SDO
18
270 Mbps, SDO, SDO
15
tr,tf
Output rise time, fall time
SD/HD = 0, 20% – 80%, SDO, SDO
90
130
ps
SD/HD = 1, 20% – 80%, SDO, SDO
400
800
TMATCH
Mismatch in rise time, fall time
SD/HD = 0, SDO, SDO
30
ps
SD/HD = 1, SDO, SDO
50
TDCD
Duty cycle distortion
SD/HD = 0, 2.97 Gbps, SDO, SDO(2)
27
ps
SD/HD = 0, 1.485 Gbps, SDO, SDO(2)
30
SD/HD = 1, SDO, SDO(2)
100
TOS
Output overshoot
SD/HD = 0, SDO, SDO(2)
10%
SD/HD = 1, SDO, SDO(2)
8%
RLSDO
Output return loss
5 MHz to 1.5 GHz, SDO, SDO(3)
15
dB
1.5 GHz to 3.0 GHz, SDO, SDO(3)
10
6.7 Typical Characteristics
Typical device characteristics at TA = 25°C and VCC = 3.3 V (unless otherwise noted)
Figure 1. SDO PRBS10 at 2.97 Gbps
Figure 2. SDO PRBS10 at 1.485 Gbps


Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results

Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com