Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0302 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0302
Description  3-Gbps HD/SD SDI Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0302 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0302 Datasheet HTML 1Page - Texas Instruments LMH0302 Datasheet HTML 2Page - Texas Instruments LMH0302 Datasheet HTML 3Page - Texas Instruments LMH0302 Datasheet HTML 4Page - Texas Instruments LMH0302 Datasheet HTML 5Page - Texas Instruments LMH0302 Datasheet HTML 6Page - Texas Instruments LMH0302 Datasheet HTML 7Page - Texas Instruments LMH0302 Datasheet HTML 8Page - Texas Instruments LMH0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
LMH0302
SNLS247H – APRIL 2007 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMH0302
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
–0.5
3.6
V
Input voltage (all inputs)
–0.3
VCC + 0.3
V
Output current
28
mA
Lead temperature, soldering (4 s)
260
°C
Junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±2000
Machine model (MM)
±250
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (VCC – VEE)
3.13
3.3
3.46
V
Operating junction temperature
100
°C
Operating free air temperature, TA
–40
25
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMH0302
UNIT
RUM (WQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
47.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.2
°C/W
RθJB
Junction-to-board thermal resistance
25.6
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
25.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
14.5
°C/W
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 V.
(2)
Typical values are stated for VCC = 3.3 V and TA = 25°C.
6.5 Electrical Characteristics – DC
Over supply voltage and operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCMIN
Input common mode voltage
SDI, SDI
1.1 + VSDI/2
VCC – VSDI/2
V
VSDI
Input voltage swing
Differential, SDI, SDI
100
2200
mVP−P


Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results

Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com