Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0302
Description  3-Gbps HD/SD SDI Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0302 Datasheet(HTML) 3 Page - Texas Instruments

  LMH0302 Datasheet HTML 1Page - Texas Instruments LMH0302 Datasheet HTML 2Page - Texas Instruments LMH0302 Datasheet HTML 3Page - Texas Instruments LMH0302 Datasheet HTML 4Page - Texas Instruments LMH0302 Datasheet HTML 5Page - Texas Instruments LMH0302 Datasheet HTML 6Page - Texas Instruments LMH0302 Datasheet HTML 7Page - Texas Instruments LMH0302 Datasheet HTML 8Page - Texas Instruments LMH0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Not to scale
GND
1
SDI
12
SDO
2
SDI
11
SDO
3
VEE
10
SD/HD
4
RREF
9
VCC
3
LMH0302
www.ti.com
SNLS247H – APRIL 2007 – REVISED JUNE 2016
Product Folder Links: LMH0302
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RUM Package
16-Pin WQFN
Top View
(1)
G = Ground, I = Input, O = Output, and P = Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ENABLE
6
I
Output driver enable. When low, the SDO/SDO output driver is powered off. ENABLE has an
internal pullup. H = Normal operation. L = Output driver powered off.
EP
G
EP is the exposed pad at the bottom of the WQFN package. The exposed pad must be
connected to the ground plane through a via array. See Figure 6 for details.
NC
5, 7, 8, 13,
14, 15, 16
No connect. Not bonded internally.
RREF
4
I
Output driver level control. Connect a resistor to VCC to set output voltage swing.
SD/HD
10
I
Output slew rate control. Output rise/fall time complies with ST 424 or 292 when low and ST 259
when high.
SDI
1
I
Serial data true input.
SDI
2
I
Serial data complement input.
SDO
12
O
Serial data true output.
SDO
11
O
Serial data complement output.
VCC
9
P
Positive power supply (3.3 V).
VEE
3
G
Negative power supply (ground).


Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results

Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com