Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LVU04 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54LVU04
Description  HEX INVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVU04 Datasheet(HTML) 4 Page - Texas Instruments

  SN54LVU04_10 Datasheet HTML 1Page - Texas Instruments SN54LVU04_10 Datasheet HTML 2Page - Texas Instruments SN54LVU04_10 Datasheet HTML 3Page - Texas Instruments SN54LVU04_10 Datasheet HTML 4Page - Texas Instruments SN54LVU04_10 Datasheet HTML 5Page - Texas Instruments SN54LVU04_10 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN54LVU04, SN74LVU04
HEX INVERTERS
SCLS185B − FEBRUARY 1993 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Vm
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Vz
Open
GND
1 k
1 k
Data Input
Timing Input
Vm
Vi
0 V
Vm
Vm
Vi
0 V
Vi
0 V
Vm
Vm
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
Vm
Vm
Vi
0 V
Vm
Vm
Input
Vm
Output
Control
Output
Waveform 1
S1 at Vz
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
Vm
Vm
0.5
× Vz
0 V
Vm
VOL + 0.3 V
Vm
VOH − 0.3 V
[ 0 V
Vi
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
Vz
GND
TEST
S1
0.5
× VCC
VCC
2
× VCC
1.5 V
2.7 V
6 V
WAVEFORM
CONDITION
VCC = 4.5 V
to 5.5 V
VCC = 2.7 V
to 3.6 V
Vm
Vi
Vz
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54LVU04_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVU04A TI-SN54LVU04A Datasheet
402Kb / 14P
HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
701Kb / 16P
HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
673Kb / 18P
HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
674Kb / 18P
HEX INVERTERS
SN54LVU04A TI-SN54LVU04A_07 Datasheet
701Kb / 16P
HEX INVERTERS
More results

Similar Description - SN54LVU04_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
HEX INVERTERS
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com