Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LVU04 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54LVU04
Description  HEX INVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVU04 Datasheet(HTML) 3 Page - Texas Instruments

  SN54LVU04_10 Datasheet HTML 1Page - Texas Instruments SN54LVU04_10 Datasheet HTML 2Page - Texas Instruments SN54LVU04_10 Datasheet HTML 3Page - Texas Instruments SN54LVU04_10 Datasheet HTML 4Page - Texas Instruments SN54LVU04_10 Datasheet HTML 5Page - Texas Instruments SN54LVU04_10 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54LVU04, SN74LVU04
HEX INVERTERS
SCLS185B − FEBRUARY 1993 − REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
SN54LVU04
SN74LVU04
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = VIL,
IOH = − 100 µA
MIN to MAX
VCC −0.5
VCC −0.5
VOH
VI = GND,
IOH = − 6 mA
3 V
2.4
2.4
V
VOH
VI = GND,
IOH = − 12 mA
4.5 V
3.6
3.6
V
VI = VIH,
IOL = 100 µA
MIN to MAX
0.5
0.5
VOL
VI = VCC,
IOL = 6 mA
3 V
0.4
0.4
V
VOL
VI = VCC,
IOL = 12 mA
4.5 V
0.55
0.55
V
II
VI = VCC or GND
3.6 V
±1
±1
A
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
20
A
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
nICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
7
7
pF
Ci
VI = VCC or GND
5 V
7.5
7.5
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LVU04
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
5
10
8
13
13
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LVU04
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
5
10
8
13
13
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
CL = 50 pF,
f = 10 MHz
3.3 V
7
pF
Cpd
Power dissipation capacitance per inverter
CL = 50 pF,
f = 10 MHz
5 V
12
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LVU04_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVU04A TI-SN54LVU04A Datasheet
402Kb / 14P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
673Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A TI-SN54LVU04A_07 Datasheet
701Kb / 16P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54LVU04_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com