Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTV16857 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74SSTV16857
Description  14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV16857 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74SSTV16857_13 Datasheet HTML 4Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 5Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 6Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 7Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 8Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 9Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 10Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 11Page - Texas Instruments SN74SSTV16857_13 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74SSTV16857_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV16857DGGR TI-SN74SSTV16857DGGR Datasheet
156Kb / 9P
14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857DGVR TI-SN74SSTV16857DGVR Datasheet
156Kb / 9P
14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com