Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78S40N/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM78S40N/NOPB
Description  Universal Switching Regulator Subsystem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78S40N/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM78S40N/NOPB Datasheet HTML 6Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 7Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 8Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 9Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 10Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 11Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 12Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 13Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-May-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM78S40CN/NOPB
ACTIVE
PDIP
NFG
16
25
Pb-Free
(RoHS)
SN
Level-1-NA-UNLIM
0 to 70
LM78S40CN
LM78S40N/NOPB
ACTIVE
PDIP
NFG
16
25
Pb-Free
(RoHS)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM78S40N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78S40N NSC-LM78S40N Datasheet
289Kb / 10P
   Universal Switching Regulator Subsystem
More results

Similar Description - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Texas Instruments
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
logo
National Semiconductor ...
LM78S40 NSC-LM78S40 Datasheet
289Kb / 10P
   Universal Switching Regulator Subsystem
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com