Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78S40N/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM78S40N/NOPB
Description  Universal Switching Regulator Subsystem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78S40N/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM78S40N/NOPB Datasheet HTML 6Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 7Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 8Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 9Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 10Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 11Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 12Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 13Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DE-
VICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMI-
CONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or sys-
tems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose fail-
ure to perform when properly used in accordance
with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury
to the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
www.national.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5620-6175
Fax: 81-3-5620-6179
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78S40N NSC-LM78S40N Datasheet
289Kb / 10P
   Universal Switching Regulator Subsystem
More results

Similar Description - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Texas Instruments
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
[Old version datasheet]   Universal Switching Regulator Subsystem
logo
National Semiconductor ...
LM78S40 NSC-LM78S40 Datasheet
289Kb / 10P
   Universal Switching Regulator Subsystem
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Allegro MicroSystems
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com