Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78S40N/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM78S40N/NOPB
Description  Universal Switching Regulator Subsystem
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78S40N/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM78S40N/NOPB Datasheet HTML 1Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 2Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 3Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 4Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 5Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 6Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 7Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 8Page - Texas Instruments LM78S40N/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM78S40
Universal Switching Regulator Subsystem
General Description
The LM78S40 is a monolithic regulator subsystem consisting
of all the active building blocks necessary for switching regu-
lator systems. The device consists of a temperature com-
pensated voltage reference, a duty-cycle controllable oscilla-
tor with an active current limit circuit, an error amplifier, high
current, high voltage output switch, a power diode and an
uncommitted operational amplifier. The device can drive ex-
ternal NPN or PNP transistors when currents in excess of
1.5A or voltages in excess of 40V are required. The device
can be used for step-down, step-up or inverting switching
regulators as well as for series pass regulators. It features
wide supply voltage range, low standby power dissipation,
high efficiency and low drift. It is useful for any stand-alone,
low part count switching system and works extremely well in
battery operated systems.
Features
n
Step-up, step-down or inverting switching regulators
n
Output adjustable from 1.25V to 40V
n
Peak currents to 1.5A without external transistors
n
Operation from 2.5V to 40V input
n
Low standby current drain
n
80 dB line and load regulation
n
High gain, high current, independent op amp
n
Pulse width modulation with no double pulsing
Block and Connection Diagrams
DS010057-2
16-Lead DIP
DS010057-1
Top View
April 1998
© 1998 National Semiconductor Corporation
DS010057
www.national.com


Similar Part No. - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78S40N NSC-LM78S40N Datasheet
289Kb / 10P
Universal Switching Regulator Subsystem
logo
Texas Instruments
LM78S40N TI2-LM78S40N Datasheet
408Kb / 14P
LM78S40 Universal Switching Regulator Subsystem
April 1998
More results

Similar Description - LM78S40N/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78S40 NSC-LM78S40 Datasheet
289Kb / 10P
Universal Switching Regulator Subsystem
logo
ON Semiconductor
UA78S40 ONSEMI-UA78S40 Datasheet
124Kb / 8P
UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Allegro MicroSystems
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Texas Instruments
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
Universal Switching Regulator Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com