Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 11Page - Texas Instruments LM57-Q1 Datasheet HTML 12Page - Texas Instruments LM57-Q1 Datasheet HTML 13Page - Texas Instruments LM57-Q1 Datasheet HTML 14Page - Texas Instruments LM57-Q1 Datasheet HTML 15Page - Texas Instruments LM57-Q1 Datasheet HTML 16Page - Texas Instruments LM57-Q1 Datasheet HTML 17Page - Texas Instruments LM57-Q1 Datasheet HTML 18Page - Texas Instruments LM57-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Feature Description (continued)
Table 1. LM57-Q1 VTEMP Temperature to Voltage
(1) (continued)
VTEMP VOLTAGE (mV)
Temperature (°C)
J2 (-5.166 mV/°C)
J3 (–7.752 mV/°C)
J4 (–10.339 mV/°C)
J5 (–12.924 mV/°C)
12
1040.14
1559.80
2079.60
2599.30
13
1035.02
1552.11
2069.35
2586.48
14
1029.90
1544.42
2059.10
2573.66
15
1024.77
1536.73
2048.84
2560.84
16
1019.65
1529.03
2038.57
2548.01
17
1014.51
1521.33
2028.30
2535.17
18
1009.38
1513.63
2018.03
2522.32
19
1004.25
1505.92
2007.75
2509.47
20
999.11
1498.21
1997.46
2496.61
21
993.97
1490.49
1987.17
2483.75
22
988.82
1482.77
1976.88
2470.88
23
983.68
1475.05
1966.58
2458.00
24
978.53
1467.32
1956.27
2445.12
25
973.38
1459.59
1945.96
2432.23
26
968.22
1451.86
1935.64
2419.34
27
963.07
1444.12
1925.32
2406.43
28
957.91
1436.38
1915.00
2393.53
29
952.74
1428.63
1904.67
2380.61
30
947.58
1420.88
1894.33
2367.69
31
942.41
1413.13
1883.99
2354.76
32
937.24
1405.37
1873.64
2341.83
33
932.07
1397.61
1863.29
2328.89
34
926.90
1389.84
1852.94
2315.94
35
921.72
1382.07
1842.57
2302.99
36
916.54
1374.30
1832.21
2290.03
37
911.36
1366.52
1821.84
2277.07
38
906.17
1358.74
1811.46
2264.10
39
900.98
1350.96
1801.08
2251.12
40
895.79
1343.17
1790.69
2238.14
41
890.60
1335.38
1780.30
2225.15
42
885.41
1327.58
1769.90
2212.15
43
880.21
1319.78
1759.50
2199.15
44
875.01
1311.98
1749.09
2186.14
45
869.81
1304.17
1738.68
2173.12
46
864.60
1296.36
1728.26
2160.10
47
859.39
1288.54
1717.84
2147.07
48
854.18
1280.72
1707.41
2134.04
49
848.97
1272.90
1696.98
2121.00
50
843.75
1265.07
1686.54
2107.95
51
838.53
1257.24
1676.10
2094.90
52
833.31
1249.41
1665.65
2081.84
53
828.09
1241.57
1655.20
2068.77
54
822.86
1233.73
1644.74
2055.70
55
817.63
1225.88
1634.28
2042.62
56
812.40
1218.03
1623.81
2029.54
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com