Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 8Page - Texas Instruments LM57-Q1 Datasheet HTML 9Page - Texas Instruments LM57-Q1 Datasheet HTML 10Page - Texas Instruments LM57-Q1 Datasheet HTML 11Page - Texas Instruments LM57-Q1 Datasheet HTML 12Page - Texas Instruments LM57-Q1 Datasheet HTML 13Page - Texas Instruments LM57-Q1 Datasheet HTML 14Page - Texas Instruments LM57-Q1 Datasheet HTML 15Page - Texas Instruments LM57-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LM57
VTEMP
GND
TRIP TEST
TOVER
TEMP SENSOR
(negative temp
coefficient)
+
-
VDD
TOVER
VDD = 2.4V to 5.5V
TRIP
TEST = 1
TRIP
TEST = 0
SENSE1
SENSE2
DAC
GAIN
VTRIP
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM57-Q1 is a precision, dual-output, temperature switch with analog temperature sensor output. The trip
temperature (TTRIP) is selected from 256 possible values by using two external 1% resistors. The VTEMP class AB
analog output provides a voltage that is proportional to temperature. The LM57-Q1 includes an internal reference
DAC, analog temperature sensor and analog comparator. The reference DAC is connected to one of the
comparator inputs. The reference DAC output voltage (VTRIP) is controlled by the value of resistance applied to
the SENSE pins. The resistance value sets one of 16 "logic" levels at the SENSE pins. These "logic" levels are
then decoded and applied to the DAC input, thus the actual resistance tolerance does not directly affect the
threshold level accuracy. The result of the reference DAC voltage and the temperature sensor output comparison
is provided on two output pins TOVER and TOVER.
The VTEMP output has a programmable gain. The output gain has 4 possible settings as described in Figure 12.
The gain setting is dependent on the trip point selected by resistance applied to the SENSE pins.
Built-in temperature hysteresis (THYST) prevents the digital outputs from oscillating. The TOVER and TOVER will
activate when the die temperature exceeds TTRIP and will release when the temperature falls below a
temperature equal to TTRIP minus THYST. TOVER is active-high with a push-pull structure. TOVER , is active-low with
an open-drain structure. There are two different hysteresis options available that are factory preset. The preset
hysteresis can be selected by purchasing the proper order number as described in Device Comparison Table .
Driving the TRIP-TEST high will activate the digital outputs. A processor can check the logic level of the TOVER or
TOVER , confirming that they changed to their active state. This allows for system production testing verification
that the comparator and output circuitry are functional after system assembly. When the TRIP-TEST pin is high,
the trip-level reference voltage appears at the VTEMP pin. Tying TOVER to TRIP-TEST will latch the output after it
trips. It can be cleared by forcing TRIP-TEST low or powering off the LM57-Q1.
7.2 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com