Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 6Page - Texas Instruments LM57-Q1 Datasheet HTML 7Page - Texas Instruments LM57-Q1 Datasheet HTML 8Page - Texas Instruments LM57-Q1 Datasheet HTML 9Page - Texas Instruments LM57-Q1 Datasheet HTML 10Page - Texas Instruments LM57-Q1 Datasheet HTML 11Page - Texas Instruments LM57-Q1 Datasheet HTML 12Page - Texas Instruments LM57-Q1 Datasheet HTML 13Page - Texas Instruments LM57-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
VDD
4.9
5.0
5.1
5.2
9.9
10.0
10.1
10.2
HYST J2
HYST J3
HYST J5
HYST J4
|
|
HYST J2
HYST J3
HYST J4
HYST J5
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
VDD (V)
945
946
947
948
949
950
0
100
200
300
400
500
600
700
-3.0
-2.8
-2.6
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
LOAD (2A)
Overhead =
100 mV
Overhead =
200 mV
Overhead =
400 mV
0
200 400 600 800
1200
0.0
0.2
0.6
1.0
1.4
1.6
2.0
2.4
2.6
2.8
LOAD (2A)
1000
1400 1600
0.4
0.8
1.2
1.8
2.2
3.0
VDD = 2.4V
VDD = 2.7V
VDD = 3.3V
VDD = 5.0V
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
20
30
VDD (V)
21
22
23
24
25
26
27
28
29
T = 30°C
T = 150°C
T = -40°C
-50 -30 -10 10 30 50 70 90 110 130 150
20
21
22
23
24
25
26
27
28
29
30
TEMPERATURE (°C)
VDD = 5.5V
VDD = 3.5V
VDD = 2.4V
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
6.7 Typical Characteristics
Figure 4. Supply Current vs Temperature
Figure 3. Supply Current vs Supply Voltage
Figure 6. Load Regulation: Change In VTEMP vs Sink Current
Figure 5. Load Regulation: Change In VTEMP vs Source
Current Overhead Is Vdd-Vtemp
Figure 7. Line Regulation: VTEMP vs Supply Voltage
Figure 8. Line Regulation: Hysteresis vs Supply Voltage
30°C
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com