Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 3Page - Texas Instruments LM57-Q1 Datasheet HTML 4Page - Texas Instruments LM57-Q1 Datasheet HTML 5Page - Texas Instruments LM57-Q1 Datasheet HTML 6Page - Texas Instruments LM57-Q1 Datasheet HTML 7Page - Texas Instruments LM57-Q1 Datasheet HTML 8Page - Texas Instruments LM57-Q1 Datasheet HTML 9Page - Texas Instruments LM57-Q1 Datasheet HTML 10Page - Texas Instruments LM57-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = 2.4 to 5.5 V and over free air temperature range. These limits do
not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTEMP ANALOG TEMPERATURE SENSOR OUTPUT ACCURACY FOR ALL LM57-Q1 EXCEPT LM57FSPWQ1 and LM57TSPWQ1
TA = −50°C to
VDD = 2.4 V to 5.5
J2
free air
±1.3
°C
V
temperature max
TA = −50°C to
VDD = 2.4 V to 5.5
J3
free air
±1.3
°C
V
temperature max
TA = 20°C to
VDD = 2.4 V to 5.5
±1.3
50°C
V
TA = 0°C to free
VDD = 2.7 V to 5.5
VTEMP Accuracy
J4
air temperature
±1.3
°C
V
(These stated accuracy
max
limits are with reference to
TA = −50°C to
VDD = 3.1 V to 5.5
the values in Table 1,
±1.3
0°C
V
LM57-Q1 VTEMP
TA = 60°C to
Temperature-to-Voltage.)
VDD = 2.4 V to 5.5
free air
±1.3
V
temperature max
TA = 20°C to
VDD = 2.9 V to 5.5
±1.3
50°C
V
J5
°C
TA = 0°C to free
VDD = 3.2 V to 5.5
air temperature
±1.3
V
max
TA = −50°C to
VDD = 4 V to 5.5
±1.3
0°C
V
VTEMP ANALOG TEMPERATURE SENSOR OUTPUT ACCURACY FOR LM57-Q1 AUTOMOTIVE GRADE 0 EXTENDED (LM57FSPWQ1
and LM57TSPWQ1)
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
J2
°C
V
TA = –50°C to
±1.3
150°C
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
J3
°C
V
TA = –50°C to
±1.3
150°C
TA = 20°C to
VDD = 2.4 V to 5.5
±1.3
50°C
V
TA = 0°C to
±1.3
VTEMP accuracy
150°C
VDD = 2.7 V to 5.5
(These stated accuracy
J4
°C
V
limits are with reference to
TA = 150°C to
±1.5
the values in Table 1,
160°C
LM57-Q1 VTEMP
TA = –50°C to
VDD = 3.1 V to 5.5
±1.3
temperature-to-voltage.)
0°C
V
TA = 150°C to
±1.5
160°C
VDD = 2.4 V to 5.5
V
TA = 60°C to
±1.3
150°C
TA = 20°C to
VDD = 2.9 V to 5.5
±1.3
J5
°C
50°C
V
TA = 0°C to
VDD = 3.2 V to 5.5
±1.3
150°C
V
TA = –50°C to
VDD = 4 V to 5.5
±1.3
0°C
V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com