Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LM57-Q1 Datasheet HTML 1Page - Texas Instruments LM57-Q1 Datasheet HTML 2Page - Texas Instruments LM57-Q1 Datasheet HTML 3Page - Texas Instruments LM57-Q1 Datasheet HTML 4Page - Texas Instruments LM57-Q1 Datasheet HTML 5Page - Texas Instruments LM57-Q1 Datasheet HTML 6Page - Texas Instruments LM57-Q1 Datasheet HTML 7Page - Texas Instruments LM57-Q1 Datasheet HTML 8Page - Texas Instruments LM57-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
VDD
GND
VSENSE
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Pin Functions (continued)
PIN
TYPE
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
VTEMP analog voltage output
Analog
If TRIP TEST = 0, then VTEMP = VTS, temperature sensor output voltage
VTEMP
8
Output
If TRIP TEST = 1, then VTEMP = VTRIP, temperature trip voltage
This pin may be left open if not used.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
−0.3
6
V
Voltage at TOVER
−0.3
6
V
Voltage at TOVER , VTEMP, TRIP-TEST, SENSE1, and SENSE2
−0.3
(VDD + 0.3 V)
V
Current at any pin
5
mA
Storage temperature for LM57FSPWQ1 and LM57TSPWQ1
−65
175
°C
Storage temperature for all LM57-Q1 except LM57FSPWQ1 and LM57TSPWQ1
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
FOR ALL PARTS GRADE 0 AND GRADE 1 EXCEPT GRADE 0 EXTENDED (LM57FSPWQ1 and LM57TSPWQ1)
Supply voltage
2.4
5.5
V
Free air temperature range (TMIN ≤ TA ≤ TMAX) LM57FEPWQ1, and LM57TEPWQ1
−50
150
°C
LM57FQPWQ1, LM57TQPWQ1
-50
125
°C
GRADE 0 EXTENDED (LM57FSPWQ1 AND LM57TSPWQ1)
Supply voltage
2.4
5.5
V
Free air temperature range (TMIN ≤ TA ≤ TMAX) Temperature Profile for LM57-Q1 Automotive Grade 0
Extended High Temperature Operational Life Test
(HTOL) - Hours of Operation: (1)
−50
170
°C
1700 hours at TJ = TC = 160°C
10 hours at TJ = TC = 170°C
(1)
Except for HTOL testing, which was conducted as described, all other testing was to AEC-Q100 Grade 0 flow. Full details on reliability
testing are available upon request.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com