Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM57-Q1 Datasheet HTML 1Page - Texas Instruments LM57-Q1 Datasheet HTML 2Page - Texas Instruments LM57-Q1 Datasheet HTML 3Page - Texas Instruments LM57-Q1 Datasheet HTML 4Page - Texas Instruments LM57-Q1 Datasheet HTML 5Page - Texas Instruments LM57-Q1 Datasheet HTML 6Page - Texas Instruments LM57-Q1 Datasheet HTML 7Page - Texas Instruments LM57-Q1 Datasheet HTML 8Page - Texas Instruments LM57-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
VDD
GND
GND
VDD
GND
1 2A
VDD
GND
GND
VDD
GND
GND
LM57
VDD
GND
TRIP TEST
VTEMP
TOVER
TOVER
SENSE1
SENSE2
1
2
3
4
5
6
7
8
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
5 Pin Configuration and Functions
TSSOP/PW Package
8-Pin
Top View
Pin Functions
PIN
TYPE
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
GND
1
Ground
Power supply ground
Trip-point resistor sense. One of two sense pins which selects the
SENSE1
2
temperature at which TOVER and TOVER will assert.
Trip-point resistor sense. One of two sense pins which selects the
SENSE2
3
temperature at which TOVER and TOVER will assert.
VDD
4
Power
Supply voltage
TRIP TEST pin. Active High input.
If TRIP TEST = 0 (default), then the VTEMP output has the analog
TRIP
Digital
temperature sensor output voltage.
5
TEST
Input
If TRIP TEST = 1, then TOVER and TOVER outputs are asserted and VTEMP =
VTRIP, the temperature trip voltage.
Tie this pin to ground if not used.
Overtemperature switch output
Active low, open-drain (see LM57-Q1 VTEMP Voltage-to-Temperature
Digital
Equations regarding required pullup resistor.)
TOVER
6
Output
Asserted when the measured temperature exceeds the Trip Point
Temperature or if TRIP TEST = 1
This pin may be left open if not used.
Overtemperature switch output
Active high, push-pull
Digital
TOVER
7
Asserted when the measured temperature exceeds the trip point
Output
temperature or if TRIP TEST = 1
This pin may be left open if not used.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com