Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 24Page - Texas Instruments LM57-Q1 Datasheet HTML 25Page - Texas Instruments LM57-Q1 Datasheet HTML 26Page - Texas Instruments LM57-Q1 Datasheet HTML 27Page - Texas Instruments LM57-Q1 Datasheet HTML 28Page - Texas Instruments LM57-Q1 Datasheet HTML 29Page - Texas Instruments LM57-Q1 Datasheet HTML 30Page - Texas Instruments LM57-Q1 Datasheet HTML 31Page - Texas Instruments LM57-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
VDD Supply
(+2.4V to +5.5V)
GND
VDD
TOVER
VTEMP
TRIP TEST
Microcontroller
LM57
TOVER
Digital In
SENSE1
SENSE2
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
8.2.4 Grounding of the TRIP TEST Pin
The circuit in Figure 24 shows the TRIP TEST pin grounded. This allows the LM57-Q1 to function autonomously
without microcontroller intervention. In all other respects this circuit functions similarly to the circuit shown in
Figure 21.
Figure 24. Typical Application Schematic without Microcontroller TRIP TEST Control
9 Power Supply Recommendations
Power supply bypass capacitors are optional and may be required if the supply line is noisy. TI recommends that
a local supply decoupling capacitor be used to reduce noise. For noisy environments, TI recommends a 100-nF
supply decoupling capacitor placed closed across VDD and GND pins of LM57-Q1.
10 Layout
10.1 Layout Guidelines
The LM57-Q1 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be
glued or cemented to a surface. The temperatures of the lands and traces to the other leads of the LM57-Q1 will
also affect the temperature reading.
Alternatively, the LM57-Q1 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath
or screwed into a threaded hole in a tank. As with any IC, the LM57-Q1 and accompanying wiring and circuits
must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate
at cold temperatures where condensation can occur. If moisture creates a short circuit from the VTEMP output to
ground or VDD, the VTEMP output from the LM57-Q1 will not be correct. Printed-circuit coatings are often used to
ensure that moisture cannot corrode the leads or circuit traces.
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com