Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 19Page - Texas Instruments LM57-Q1 Datasheet HTML 20Page - Texas Instruments LM57-Q1 Datasheet HTML 21Page - Texas Instruments LM57-Q1 Datasheet HTML 22Page - Texas Instruments LM57-Q1 Datasheet HTML 23Page - Texas Instruments LM57-Q1 Datasheet HTML 24Page - Texas Instruments LM57-Q1 Datasheet HTML 25Page - Texas Instruments LM57-Q1 Datasheet HTML 26Page - Texas Instruments LM57-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LM57
TOVER
VDD
Asserts when TDIE > TTRIP
See text
GND
TRIP TEST
SENSE1
SENSE2
VTEMP
LM57
VDD
GND
CLOAD @ 1100 pF
RS
VTEMP
LM57
VDD
GND
CLOAD > 1100 pF
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
7.3.6.2 VTEMP Capacitive Loads
The VTEMP Output handles capacitive loading well. In an extremely noisy environment, or when driving a switched
sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling. Without any
precautions, the VTEMP can drive a capacitive load less than or equal to 1100 pF as shown in Figure 13. For
capacitive loads greater than 1100 pF, a series resistor is required on the output, as shown in Figure 14, to
maintain stable conditions.
Figure 13. LM57-Q1 With No Isolation Resistor
Figure 14. LM57-Q1 With Series Resistor for
Required
Capacitive Loading Greater than 1100 pF
Table 6. CLOAD and RS Values of Figure 14
CLOAD
Minimum RS
1.1 to 99 nF
3 k
Ω
100 to 999 nF
1.5 k
Ω
1
μF
750
Ω
7.3.6.3 VTEMP Voltage Shift
The LM57-Q1 is very linear over temperature and supply voltage range. Due to the intrinsic behavior of an
NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is ramped over the
operating range of the device. The location of the shift is determined by the relative levels of VDD and VTEMP. The
shift typically occurs when VDD − VTEMP = 1 V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VTEMP. Since
the shift takes place over a wide temperature change of 5°C to 20°C, VTEMP is always monotonic. The accuracy
specifications in the Electrical Characteristics table already includes this possible shift.
7.4 Device Functional Modes
The LM57-Q1 has several modes of operation as detailed in the following drawings.
Figure 15. Temperature Switch Using Push-Pull Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com