Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 18Page - Texas Instruments LM57-Q1 Datasheet HTML 19Page - Texas Instruments LM57-Q1 Datasheet HTML 20Page - Texas Instruments LM57-Q1 Datasheet HTML 21Page - Texas Instruments LM57-Q1 Datasheet HTML 22Page - Texas Instruments LM57-Q1 Datasheet HTML 23Page - Texas Instruments LM57-Q1 Datasheet HTML 24Page - Texas Instruments LM57-Q1 Datasheet HTML 25Page - Texas Instruments LM57-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
7.3.4 TOVER and TOVER Digital Outputs
The TOVER active high, push-pull output and the TOVER Active Low, Open-Drain Output both assert at the same
time whenever the Die Temperature reaches the Trip Point. They also assert simultaneously whenever the TRIP
TEST pin is set high. Both outputs de-assert when the die temperature goes below the (Temperature Trip Point)
- (Hysteresis). These two types of digital outputs enable the user the flexibility to choose the type of output that is
most suitable for his design.
Either the TOVER or the TOVER Digital Output pins can be left open if not used.
The TOVER Active Low, Open-Drain Digital Output, if used, requires a pullup resistor between this pin and VDD.
7.3.4.1 TOVER and TOVER Noise Immunity
The LM57-Q1 has some noise immunity to a premature trigger due to noise on the power supply. With the die
temperature at 1°C below the trip point, there are no premature triggers for a square wave injected into the
power supply with a magnitude of 100 mVPP over a frequency range of 100 Hz to 2 MHz. Above the frequency a
premature trigger may occur.
With the die temperature at 2°C below the trip point, and a magnitude of 200 mVPP, there are no premature
triggers from 100 Hz to 300 kHz. Above that frequency a premature trigger may occur.
Therefore if the supply line is noisy, it is recommended that a local supply decoupling capacitor be used to
reduce that noise.
7.3.5 Trip Test Digital Input
The TRIP TEST pin provides a means to test the digital outputs by causing them to assert, regardless of
temperature.
In addition, when the TRIP TEST pin is pulled high the VTEMP pin will be at the VTRIP voltage.
7.3.6 VTEMP Analog Temperature Sensor Output
The VTEMP push-pull output provides the ability to sink and source significant current. This is beneficial when, for
example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these applications
the source current is required to quickly charge the input capacitor of the ADC. See the Typical Application
section for more discussion of this topic. The LM57-Q1 is ideal for this and other applications which require
strong source or sink current.
7.3.6.1 VTEMP Noise Considerations
A load capacitor on VTEMP can help to filter noise.
For noisy environments, TI recommends a 100 nF supply decoupling capacitor placed closed across VDD and
GND pins of LM57-Q1.
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com