Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM57-Q1
Description  Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM57-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM57-Q1 Datasheet HTML 13Page - Texas Instruments LM57-Q1 Datasheet HTML 14Page - Texas Instruments LM57-Q1 Datasheet HTML 15Page - Texas Instruments LM57-Q1 Datasheet HTML 16Page - Texas Instruments LM57-Q1 Datasheet HTML 17Page - Texas Instruments LM57-Q1 Datasheet HTML 18Page - Texas Instruments LM57-Q1 Datasheet HTML 19Page - Texas Instruments LM57-Q1 Datasheet HTML 20Page - Texas Instruments LM57-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LM57-Q1
www.ti.com
SNIS191A – JULY 2015 – REVISED JULY 2015
Feature Description (continued)
Table 1. LM57-Q1 VTEMP Temperature to Voltage
(1) (continued)
VTEMP VOLTAGE (mV)
Temperature (°C)
J2 (-5.166 mV/°C)
J3 (–7.752 mV/°C)
J4 (–10.339 mV/°C)
J5 (–12.924 mV/°C)
102
568.96
852.82
1136.81
1420.81
103
563.61
844.79
1126.11
1407.43
104
558.25
836.76
1115.40
1394.04
105
552.89
828.72
1104.68
1380.65
106
547.53
820.68
1093.96
1367.24
107
542.17
812.63
1083.23
1353.84
108
536.80
804.59
1072.50
1340.42
109
531.43
796.53
1061.77
1327.01
110
526.06
788.48
1051.02
1313.58
111
520.69
780.42
1040.28
1300.15
112
515.31
772.35
1029.53
1286.71
113
509.93
764.29
1018.77
1273.26
114
504.55
756.21
1008.01
1259.81
115
499.17
748.14
997.24
1246.36
116
493.78
740.06
986.47
1232.89
117
488.39
731.98
975.69
1219.42
118
483.00
723.89
964.91
1205.95
119
477.61
715.80
954.12
1192.46
120
472.21
707.70
943.33
1178.98
121
466.81
699.61
932.53
1165.48
122
461.41
691.50
921.73
1151.98
123
456.00
683.40
910.92
1138.47
124
450.60
675.29
900.11
1124.96
125
445.19
667.18
889.29
1111.44
126
439.78
659.06
878.47
1097.91
127
434.36
650.94
867.64
1084.38
128
428.94
642.81
856.81
1070.84
129
423.52
634.68
845.97
1057.29
130
418.10
626.55
835.13
1043.74
131
412.67
618.41
824.28
1030.18
132
407.25
610.27
813.43
1016.62
133
401.82
602.13
802.57
1003.05
134
396.38
593.98
791.71
989.47
135
390.95
585.83
780.84
975.89
136
385.51
577.67
769.97
962.30
137
380.07
569.51
759.09
948.70
138
374.63
561.35
748.20
935.10
139
369.18
553.18
737.32
921.49
140
363.73
545.01
726.42
907.87
141
358.28
536.84
715.52
894.25
142
352.83
528.66
704.62
880.62
143
347.37
520.48
693.71
866.99
144
341.91
512.29
682.80
853.35
145
336.45
504.10
671.88
839.70
146
330.99
495.91
660.95
826.05
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM57-Q1


Similar Part No. - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results

Similar Description - LM57-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com