Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA139 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139 Datasheet(HTML) 1 Page - Texas Instruments

  INA139 Datasheet HTML 1Page - Texas Instruments INA139 Datasheet HTML 2Page - Texas Instruments INA139 Datasheet HTML 3Page - Texas Instruments INA139 Datasheet HTML 4Page - Texas Instruments INA139 Datasheet HTML 5Page - Texas Instruments INA139 Datasheet HTML 6Page - Texas Instruments INA139 Datasheet HTML 7Page - Texas Instruments INA139 Datasheet HTML 8Page - Texas Instruments INA139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INA139
INA169
FEATURES
q COMPLETE UNIPOLAR HIGH-SIDE
CURRENT MEASUREMENT CIRCUIT
q WIDE SUPPLY AND COMMON-MODE RANGE
q INA139: 2.7V to 40V
q INA169: 2.7V to 60V
q INDEPENDENT SUPPLY AND INPUT COMMON-
MODE VOLTAGES
q SINGLE RESISTOR GAIN SET
q LOW QUIESCENT CURRENT (60
µA typ)
q SOT23-5 PACKAGE
High-Side Measurement
CURRENT SHUNT MONITOR
DESCRIPTION
The INA139 and INA169 are high-side, unipolar, current
shunt monitors. Wide input common-mode voltage range,
high-speed, low quiescent current, and tiny SOT23 packag-
ing enable use in a variety of applications.
Input common-mode and power-supply voltages are inde-
pendent and can range from 2.7V to 40V for the INA139 and
2.7V to 60V for the INA169. Quiescent current is only 60
µA,
which permits connecting the power supply to either side of
the current measurement shunt with minimal error.
The device converts a differential input voltage to a current
output. This current is converted back to a voltage with an
external load resistor that sets any gain from 1 to over 100.
Although designed for current shunt measurement, the cir-
cuit invites creative applications in measurement and level
shifting.
Both the INA139 and INA169 are available in SOT23-5
packages and are specified for the –40
°C to +85°C industrial
temperature range.
APPLICATIONS
q CURRENT SHUNT MEASUREMENT:
Automotive, Telephone, Computers
q PORTABLE AND BATTERY-BACKUP
SYSTEMS
q BATTERY CHARGERS
q POWER MANAGEMENT
q CELL PHONES
q PRECISION CURRENT SOURCE
R
S
2
1
OUT
GND
R
L
V
O = ISRSRL/1kΩ
Load
1k
1k
V
IN+
Up to 60V
V
IN+
V
IN–
3
4
I
S
V+
5
SBOS181C – DECEMBER 2000 – REVISED JULY 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - INA139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139 TI1-INA139 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI1-INA139-Q1 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com