Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA139 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139 Datasheet(HTML) 5 Page - Texas Instruments

  INA139 Datasheet HTML 1Page - Texas Instruments INA139 Datasheet HTML 2Page - Texas Instruments INA139 Datasheet HTML 3Page - Texas Instruments INA139 Datasheet HTML 4Page - Texas Instruments INA139 Datasheet HTML 5Page - Texas Instruments INA139 Datasheet HTML 6Page - Texas Instruments INA139 Datasheet HTML 7Page - Texas Instruments INA139 Datasheet HTML 8Page - Texas Instruments INA139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
INA139, INA169
5
SBOS181C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, V+ = 5V, VIN+ = 12V, and RL = 25kΩ, unless otherwise noted.
STEP RESPONSE
20
µs/div
1.5V
G = 100
0.5V
1V
G = 100
0V
STEP RESPONSE
10
µs/div
1V
G = 50
0V
2V
G = 10
0V
OPERATION
Figure 1 shows the basic circuit diagram for both the INA139
and the INA169. Load current, IS, is drawn from the supply,
VS, through the shunt resistor, RS. The voltage drop in the
shunt resistor, VS, is forced across RG1 by the internal op
amp, causing current to flow into the collector of Q1. The
external resistor, RL, converts the output current to a voltage,
VOUT, at the OUT pin.
The transfer function for the INA139 is:
IO = gm (VIN+) – (VIN–)
(1)
where gm = 1000µA/V
(2)
In the circuit of Figure 1, the input voltage, (VIN+) – (VIN–), is
equal to IS • RS and the output voltage, VOUT, is equal to
IO • RL. The transconductance, gm, of the INA139 is
1000
µA/V. The complete transfer function for the current
measurement amplifier in this application is:
VOUT = (IS) (RS) (1000µA/V) (RL)
(3)
FIGURE 1. Basic Circuit Connections.
VOLTAGE GAIN
EXACT RL ()
NEAREST 1% RL ()
11k
1k
22k
2k
5
5k
4.99k
10
10k
10k
20
20k
20k
50
50k
49k
100
100k
100k
Shunt
R
S
INA139
2
1
OUT
Q1
R
L
I
O
+
V
O
Load
R
G1
1k
R
G2
1k
V
IN+
V
IN–
3
4
I
S
V+
5
NOTE: (1) Maximum V
P and V+ voltage is 60V with the INA169.
V+ power can be
common or
indepedent of
load supply.
2.7V
≤ (V+) ≤ 40V(1)
V
P
Load Power Supply
+2.7V to 40V(1)


Similar Part No. - INA139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139 TI1-INA139 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI1-INA139-Q1 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com