Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4992 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4992
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4992 Datasheet HTML 6Page - Texas Instruments LM4992 Datasheet HTML 7Page - Texas Instruments LM4992 Datasheet HTML 8Page - Texas Instruments LM4992 Datasheet HTML 9Page - Texas Instruments LM4992 Datasheet HTML 10Page - Texas Instruments LM4992 Datasheet HTML 11Page - Texas Instruments LM4992 Datasheet HTML 12Page - Texas Instruments LM4992 Datasheet HTML 13Page - Texas Instruments LM4992 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
20
20k
FREQUENCY (Hz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-0
+1
10k
1k
2k
5k
50 100 200 500
0.39 PF
0.1 PF
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
CB = 1 PF
CB = 0.22 PF
CB = 0.47 PF
CB = 0.68 PF
0
SHUTDOWN VOLTAGE (V)
0
2.5
0.5
1
1.5
2
2.5
3
3.5
2
1.5
1
0.5
SD ON
SD OFF
(play)
2.5
2
3.5
3
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
250
500
750
1000
1250
1500
1750
10% THD + N
1% THD + N
LM4992, LM4992SDBD
SNAS220B – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICs (continued)
Shutdown Hysteresis Voltage
2.6V
Output Power vs Supply Voltage, 8
Figure 26.
Figure 27.
Wakeup Time vs
Frequency Response vs Input Capacitor Size
Supply Voltage
Figure 28.
Figure 29.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4992 LM4992SDBD


Similar Part No. - LM4992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992_14 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com