Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4040M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4040M
Description  High-Speed CMOS Logic 12-Stage Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4040M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4040M Datasheet HTML 6Page - Texas Instruments CD74HC4040M Datasheet HTML 7Page - Texas Instruments CD74HC4040M Datasheet HTML 8Page - Texas Instruments CD74HC4040M Datasheet HTML 9Page - Texas Instruments CD74HC4040M Datasheet HTML 10Page - Texas Instruments CD74HC4040M Datasheet HTML 11Page - Texas Instruments CD74HC4040M Datasheet HTML 12Page - Texas Instruments CD74HC4040M Datasheet HTML 13Page - Texas Instruments CD74HC4040M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 2


Similar Part No. - CD74HC4040M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4040M TI-CD74HC4040M Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040M96 TI-CD74HC4040M96 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040M96E4 TI-CD74HC4040M96E4 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040M96G4 TI-CD74HC4040M96G4 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040ME4 TI-CD74HC4040ME4 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
More results

Similar Description - CD74HC4040M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
High Speed CMOS Logic 14-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com