Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3144 Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # S3144
Description  Unipolar Hall-Effect Digital Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

S3144 Datasheet(HTML) 4 Page - SEC Electronics Inc.

  S3144_13 Datasheet HTML 1Page - SEC Electronics Inc. S3144_13 Datasheet HTML 2Page - SEC Electronics Inc. S3144_13 Datasheet HTML 3Page - SEC Electronics Inc. S3144_13 Datasheet HTML 4Page - SEC Electronics Inc. S3144_13 Datasheet HTML 5Page - SEC Electronics Inc. S3144_13 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S3144
Unipolar Hall-Effect Digital Switch
4
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 4.5V to 24V (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
4.5
24
V
Supply Current
IDD
B < BRP
4
5
7
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.3
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
0.1
10
µA
Output Rise Time
tr
RL = 820Ω, CL = 20pF
0.04
2.0
µs
Output Fall Time
tf
RL =820Ω, CL = 20pF
0.18
2.0
µs
Magnetic Specifications
DC Operating Parameters VDD = 4.5 to 24V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C,Vdd=12V DC
150
170
190
G
Release Point
BRP
100
125
160
G
Hysteresis
BHYST
45
G
SO
Operating Point
BOP
Ta=25°C,Vdd=12V DC
-190
-170
-150
G
Release Point
BRP
-160
-125
-100
G
Hysteresis
BHYST
45
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 4.5 to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face.


Similar Part No. - S3144_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S314-003 ETC2-S314-003 Datasheet
452Kb / 1P
   SCSI/Fibre Channel - 3-ft. External SCSI Cable C50M to DB25M Double Shielded
More results

Similar Description - S3144_13

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com