Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3144 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # S3144
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

S3144 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  S3144_13 Datasheet HTML 1Page - SEC Electronics Inc. S3144_13 Datasheet HTML 2Page - SEC Electronics Inc. S3144_13 Datasheet HTML 3Page - SEC Electronics Inc. S3144_13 Datasheet HTML 4Page - SEC Electronics Inc. S3144_13 Datasheet HTML 5Page - SEC Electronics Inc. S3144_13 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S3144
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Descriptions
The S3144 is a unipolar Hall-effect sensor IC fabricat-
ed from bipolar technology. The device integrates a
voltage regulator, reverse battery protection diode,
Hall sensor with dynamic offset cancellation system,
temperature compensation circuitry, small signal am-
plifier, Schmitt trigger and an open-collector output to
sink up to 25 mA. With suitable output pull up, they
can be used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated
circuits with tighter magnetic specifications, designed
to operate continuously over extended temperatures to
+150°C,and are more stable with both temperature and
supply voltage changes. The unipolar switching char-
acteristic makes these devices ideal for use with a sim-
ple bar or rod magnet.
Thanks to its wide operating voltage range and extend-
ed choice of temperature range, it is quite suitable for
use in automotive, industrial and consumer applica-
tions.
The device is delivered in a Small Outline Transistor
(SOT) or in a Plastic Single In Line (SIP 3L flat). Both
3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)


Similar Part No. - S3144_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S314-003 ETC2-S314-003 Datasheet
452Kb / 1P
SCSI/Fibre Channel - 3-ft. External SCSI Cable C50M to DB25M Double Shielded
More results

Similar Description - S3144_13

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com