Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3242TMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3242TMX/NOPB
Description  750mA Miniature Adjustable Step-Down DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242TMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3242TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3242TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
High ECO Threshold
ECO Mode at Light Load
PWM Mode at Heavy Load
Load current increases
Low ECO Threshold
Target Output Voltage
LM3242
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
www.ti.com
7.4.1 PWM Mode Operation
While in PWM mode operation, the converter operates as a voltage-mode controller with input voltage
feedforward. This allows the converter to achieve excellent load and line regulation. The DC gain of the power
stage is proportional to the input voltage. To eliminate this dependence, feed forward inversely proportional to the
input voltage is introduced. While in PWM mode, the output voltage is regulated by switching at a constant
frequency and then modulating the energy per cycle to control power to the load. At the beginning of each clock
cycle the PFET switch is turned on and the inductor current ramps up until the comparator trips and the control
logic turns off the switch. The current limit comparator can also turn off the switch in case the current limit of the
PFET is exceeded. Then the NFET switch is turned on and the inductor current ramps down. The next cycle is
initiated by the clock turning off the NFET and turning on the PFET.
7.4.2 Bypass Mode Operation
The LM3242 contains an internal BPFET switch for bypassing the PWM DC-DC converter during Bypass mode.
In Bypass mode, this BPFET is turned on to power the PA directly from the battery for maximum RF output
power. When the part operates in the Bypass mode, the output voltage is the input voltage less the voltage drop
across the resistance of the BPFET in parallel with the PFET + Switch Inductor. Bypass mode is more efficient
than operating in PWM mode at 100% duty cycle because the combined resistance is significantly less than the
series resistance of the PWM PFET and inductor. This translates into higher voltage available on the output in
Bypass mode, for a given battery voltage. The part can be set to bypass mode by sending BPEN pin high. This
is called Forced Bypass Mode and it remains in bypass mode until BPEN pin goes low. Alternatively the part can
go into Bypass mode automatically. This is called Auto-Bypass mode or Automatic Bypass mode. The bypass
switch turns on when the difference between the input voltage and programmed output voltage is less than 200
mV (typical) for longer than 10 µs (typical). The bypass switch turns off when the input voltage is higher than the
programmed output voltage by 250 mV (typical) for longer than 0.1 µs (typical). This method is very system
resource friendly in that the Bypass PFET is turned on automatically when the input voltage gets close to the
output voltage, a typical scenario of a discharging battery. It is also turned off automatically when the input
voltage rises, a typical scenario when connecting a charger. When VOUT < 300 mV, BPEN is ignored.
7.4.3 ECO Mode Operation
At very light loads (50 mA to 100 mA), the LM3242 enters ECO mode operation with reduced switching
frequency and supply current to maintain high efficiency. During ECO mode operation, the LM3242 positions the
output voltage slightly higher (7 mV typical) than the normal output voltage during PWM mode operation, allowing
additional headroom for voltage drop during a load transient from light to heavy load.
Figure 22. Operation In ECO Mode and Transfer to PWM Mode
7.4.4 Sleep Mode Operation
When VCON is less than 80 mV in 10 µs, the LM3242 goes into SLEEP mode — the SW pin is in Tri-state
(floating), which operates like ECO mode with no switching. The LM3242 device returns to normal operation
immediately when VCON
≥ 130 mV in PWM mode or ECO mode, depending on load detection.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3242


Similar Part No. - LM3242TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Similar Description - LM3242TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com