Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902E Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902E
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2902E Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2902E Datasheet HTML 20Page - Texas Instruments PCM2902E Datasheet HTML 21Page - Texas Instruments PCM2902E Datasheet HTML 22Page - Texas Instruments PCM2902E Datasheet HTML 23Page - Texas Instruments PCM2902E Datasheet HTML 24Page - Texas Instruments PCM2902E Datasheet HTML 25Page - Texas Instruments PCM2902E Datasheet HTML 26Page - Texas Instruments PCM2902E Datasheet HTML 27Page - Texas Instruments PCM2902E Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
24
Copyright Management (PCM2902)
Isochronous-in data is affected by the serial copy management system (SCMS). Where receiving digital audio
data that is indicated as original data in the control bit, input digital audio data transfers to the host. If the data
is indicated as first generation or higher, transferred data is selected to analog input.
Digital audio data output is always encoded as original with SCMS control.
The implementation of this feature is an option for the customer. Note that it is the user’s responsibility whether
they implement this feature in their product or not.
INTERFACE SEQUENCE
Power On, Attach, and Playback Sequence
The PCM2900/2902 is ready for setup when the reset sequence has finished and the USB bus is attached. After
connection has been established by setup, the PCM2900/2902 is ready to accept USB audio data. While
waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ).
When receiving the audio data, the PCM2900/2902 stores the first audio packet, which contained 1-ms audio
data, into the internal storage buffer. The PCM2900/2902 starts playing the audio data when detecting the
following start of frame (SOF) packet.
D+/D−
2.5 V (Typ.)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
5 V
(Typ.)
1st Audio Data
2nd Audio Data
VBUS (Pin 3)
SSPND
VOUTL
VOUTR
700
µs
Device Setup
1 ms
Figure 32. Initial Sequence
Play, Stop, and Detach Sequence
When the host finishes or aborts the playback, the PCM2900/2902 stops playing after the last audio data has
played.
Record Sequence
The PCM2900/2902 starts the audio capture into the internal memory after receiving the SET_INTERFACE
command.


Similar Part No. - PCM2902E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2902E BURR-BROWN-PCM2902E Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E BURR-BROWN-PCM2902E Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2902E TI1-PCM2902E Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2902E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com