Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902E Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902E
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2902E Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2902E Datasheet HTML 18Page - Texas Instruments PCM2902E Datasheet HTML 19Page - Texas Instruments PCM2902E Datasheet HTML 20Page - Texas Instruments PCM2902E Datasheet HTML 21Page - Texas Instruments PCM2902E Datasheet HTML 22Page - Texas Instruments PCM2902E Datasheet HTML 23Page - Texas Instruments PCM2902E Datasheet HTML 24Page - Texas Instruments PCM2902E Datasheet HTML 25Page - Texas Instruments PCM2902E Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
22
volume control is not supported. A request to the master volume is stalled and ignored. The built-in digital mute
controller can be manipulated by audio class specific request. A master mute control request is acceptable. A
request to an individual channel is stalled and ignored.
Interface #1
Interface #1 is the audio streaming data-out interface. Interface #1 has the following seven alternative settings.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
SETTING
DATA FORMAT
TRANSFER
MODE
SAMPLING RATE
(kHz)
00
Zero Bandwidth
01
16 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
02
16 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
03
8 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
04
8 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
05
8 bit
Stereo
Offset binary (PCM8)
Adaptive
32, 44.1, 48
06
8 bit
Mono
Offset binary (PCM8)
Adaptive
32, 44.1, 48
Interface #2
Interface #2 is the audio streaming data-in the interface. Interface #2 has the following 19 alternative settings.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
SETTING
DATA FORMAT
TRANSFER
MODE
SAMPLING RATE
(kHz)
00
Zero Bandwidth
01
16 bit
Stereo
2s complement (PCM)
Asynchronous
48
02
16 bit
Mono
2s complement (PCM)
Asynchronous
48
03
16 bit
Stereo
2s complement (PCM)
Asynchronous
44.1
04
16 bit
Mono
2s complement (PCM)
Asynchronous
44.1
05
16 bit
Stereo
2s complement (PCM)
Asynchronous
32
06
16 bit
Mono
2s complement (PCM)
Asynchronous
32
07
16 bit
Stereo
2s complement (PCM)
Asynchronous
22.05
08
16 bit
Mono
2s complement (PCM)
Asynchronous
22.05
09
16 bit
Stereo
2s complement (PCM)
Asynchronous
16
0A
16 bit
Mono
2s complement (PCM)
Asynchronous
16
0B
8 bit
Stereo
2s complement (PCM)
Asynchronous
16
0C
8 bit
Mono
2s complement (PCM)
Asynchronous
16
0D
8 bit
Stereo
2s complement (PCM)
Asynchronous
8
0E
8 bit
Mono
2s complement (PCM)
Asynchronous
8
0F
16 bit
Stereo
2s complement (PCM)
Synchronous
11.025
10
16 bit
Mono
2s complement (PCM)
Synchronous
11.025
11
8 bit
Stereo
2s complement (PCM)
Synchronous
11.025
12
8 bit
Mono
2s complement (PCM)
Synchronous
11.025
Interface #3
Interface #3 is the interrupt data-in interface. Alternative setting #0 is the only possible setting for interface #3.
Interface #3 constructs the HID consumer control device and reports the following three key statuses.
D Mute (0xE209)
D Volume up (0xE909)
D Volume down (0xEA09)


Similar Part No. - PCM2902E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2902E BURR-BROWN-PCM2902E Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E BURR-BROWN-PCM2902E Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2902E TI1-PCM2902E Datasheet
595Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2902E/2K BURR-BROWN-PCM2902E/2K Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2902E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com