Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2590HV Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2590HV
Description  SIMPLE SWITCHER Power Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2590HV_16 Datasheet HTML 2Page - Texas Instruments LM2590HV_16 Datasheet HTML 3Page - Texas Instruments LM2590HV_16 Datasheet HTML 4Page - Texas Instruments LM2590HV_16 Datasheet HTML 5Page - Texas Instruments LM2590HV_16 Datasheet HTML 6Page - Texas Instruments LM2590HV_16 Datasheet HTML 7Page - Texas Instruments LM2590HV_16 Datasheet HTML 8Page - Texas Instruments LM2590HV_16 Datasheet HTML 9Page - Texas Instruments LM2590HV_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
LM2590HV
SNVS084C – DECEMBER 2001 – REVISED JULY 2016
www.ti.com
Product Folder Links: LM2590HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
All limits specified at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits
at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0 V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12 V for the 3.3-V, 5-V, and the ADJ version to force the output transistor switch
OFF.
6.5 Electrical Characteristics
TJ = 25°C, VIN = 12 V for the 3.3-V, 5-V, and adjustable version, and ILOAD = 500 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX(1)
UNIT
Ib
Feedback bias current
Adjustable version only,
VFB = 1.3 V
TJ = 25°C
10
50
nA
TJ = –40°C to 125°C
100
fO
Oscillator frequency(3)
TJ = 25°C
127
150
173
kHz
TJ = –40°C to 125°C
110
173
VSAT
Saturation voltage
IOUT = 1 A(4)(5)
1.2
0.95
1.3
V
DC
Max duty cycle (ON)(5)
100%
Min duty cycle (OFF)(6)
0%
ICLIM
Switch current limit
Peak current(4)(5)
TJ = 25°C
1.3
1.9
2.8
A
TJ = –40°C to 125°C
1.2
3
IL
Output leakage current
VIN = 60 V
(4) (6)
Output = 0 V
50
µA
Output =
−1 V
5
30
mA
IQ
Operating quiescent current
SD/SS pin open(6)
5
10
mA
ISTBY
Standby quiescent current
SD/SS pin = 0 V,
VIN = 60 V
TJ = 25°C
90
200
µA
TJ = –40°C to 125°C
250
SHUTDOWN AND SOFT-START CONTROL (see Test Circuits)
VSD
Shutdown threshold voltage
TJ = 25°C
1.3
V
TJ = –40°C to 125°C
Low (shutdown mode)
0.6
High (soft-start mode)
2
VSS
Soft-start voltage
VOUT = 20% of nominal output voltage
2
V
VOUT = 100% of nominal output voltage
3
ISD
Shutdown current
VSHUTDOWN = 0.5 V
5
10
µA
ISS
Soft-start current
VSoft-start = 2.5 V
1.5
5
µA
FLAG AND DELAY CONTROL (see Test Circuits)
Regulator dropout detector threshold
voltage
Low (flag ON)
92%
96%
98%
VFSAT Flag output saturation and voltage
ISINK = 3 mA
0.7
0.3
1
V
IFL
Flag output leakage current
VFLAG = 60 V
0.3
µA
Delay pin threshold voltage
Low (flag ON)
1.21
1.25
mV
High (flag OFF) and VOUT regulated
1.25
1.29
Delay pin source current
VDELAY = 0.5 V
3
6
mV
Delay pin saturation
Low (flag ON)
TJ = 25°C
70
350
mV
TJ = –40°C to 125°C
400


Similar Part No. - LM2590HV_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2590HVS-3.3 NSC-LM2590HVS-3.3 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HVS-5.0 NSC-LM2590HVS-5.0 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HVS-ADJ NSC-LM2590HVS-ADJ Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2590HV_16

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com