Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2590HV Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2590HV
Description  SIMPLE SWITCHER Power Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HV Datasheet(HTML) 5 Page - Texas Instruments

  LM2590HV_16 Datasheet HTML 1Page - Texas Instruments LM2590HV_16 Datasheet HTML 2Page - Texas Instruments LM2590HV_16 Datasheet HTML 3Page - Texas Instruments LM2590HV_16 Datasheet HTML 4Page - Texas Instruments LM2590HV_16 Datasheet HTML 5Page - Texas Instruments LM2590HV_16 Datasheet HTML 6Page - Texas Instruments LM2590HV_16 Datasheet HTML 7Page - Texas Instruments LM2590HV_16 Datasheet HTML 8Page - Texas Instruments LM2590HV_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
LM2590HV
www.ti.com
SNVS084C – DECEMBER 2001 – REVISED JULY 2016
Product Folder Links: LM2590HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage internally clamped. If clamp voltage is exceeded, limit current to a maximum of 1 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VIN
63
V
SD/SS pin input voltage(2)
6
V
Delay pin voltage(2)
1.5
V
Flag pin voltage
–0.3
45
V
Feedback pin voltage
–0.3
25
V
Output voltage to ground, steady-state
–1
V
Power dissipation
Internally limited
Lead temperature
S package
Vapor phase (60 s)
215
°C
Infrared (10 s)
245
T package, soldering (10 s)
260
Maximum junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
4.5
60
V
TJ
Temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Junction to ambient thermal resistance (no external heat sink) for the package mounted TO-220 package mounted vertically, with the
leads soldered to a printed-circuit board with (1 oz.) copper area of approximately 1 in2.
(3)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed-circuit board with 0.5 in2 of
(1 oz.) copper area.
(4)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed-circuit board with 2.5 in2 of
(1 oz.) copper area.
(5)
Junction to ambient thermal resistance with the TO-263 package tab soldered to a double sided printed circuit board with 3 in 2 of
(1 oz.) copper area on the LM2590HVS side of the board, and approximately 16 in2 of copper on the other side of the PCB. See
Application Information in this data sheet.
6.4 Thermal Information
THERMAL METRIC(1)
LM2590HV
UNIT
NDZ (TO-220)
KTW (TO-263)
7 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance
See(2)
50
°C/W
See(3)
50
See(4)
30
See(5)
20
RθJC
Junction-to-case thermal resistance
2
2
°C/W


Similar Part No. - LM2590HV_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2590HVS-3.3 NSC-LM2590HVS-3.3 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HVS-5.0 NSC-LM2590HVS-5.0 Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HVS-ADJ NSC-LM2590HVS-ADJ Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2590HV_16

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com