Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV2048A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49BV2048A
Description  2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV2048A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49BV2048A Datasheet HTML 3Page - ATMEL Corporation AT49BV2048A Datasheet HTML 4Page - ATMEL Corporation AT49BV2048A Datasheet HTML 5Page - ATMEL Corporation AT49BV2048A Datasheet HTML 6Page - ATMEL Corporation AT49BV2048A Datasheet HTML 7Page - ATMEL Corporation AT49BV2048A Datasheet HTML 8Page - ATMEL Corporation AT49BV2048A Datasheet HTML 9Page - ATMEL Corporation AT49BV2048A Datasheet HTML 10Page - ATMEL Corporation AT49BV2048A Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
AT49BV/LV2048A
1914D–FLASH–03/02
Notes:
1. X can be V
IL or VIH.
2. Refer to AC programming waveforms.
3. VH = 12.0V <Symbol 10pt>± 0.5V.
4. Manufacturer Code: 001FH
Device Code: 0082H
5. See details under “Software Product Identification Entry/Exit” on page 13.
Note:
In the erase mode, ICC is 50 mA.
DC and AC Operating Range
AT49LV2048A-70
AT49BV2048A-90
AT49BV2048A-12
Operating
Temperature (Case)
Com.
0
°C-70°C0°C- 70°C0°C-70°C
Ind.
N/A
-40
°C- 85°C-40°C-85°C
VCC Power Supply
3.0V - 3.6V
2.7V - 3.6V
2.7V - 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
Read
VIL
VIL
VIH
VIH
Ai
DOUT
Program/Erase
(2)
VIL
VIH
VIL
VIH
Ai
DIN
Standby/Program
Inhibit
VIH
X(1)
XVIH
X
High-Z
Program Inhibit
X
X
VIH
VIH
XV
IL
XV
IH
Output Disable
X
VIH
XVIH
High-Z
Reset
XXX
VIL
XHigh-Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A16 = VIL,A9 = VH
(3)
A0 = VIL
Manufacturer Code(4)
A1 - A16 = V
IL,A9 = VH
(3)
A0 = VIH
Device Code(4)
Software
(5)
VIH
A0 = VIL, A1- A16=VIL
Manufacturer Code
(4)
A0 = V
IH, A1- A16=VIL
Device Code(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN =0V toVCC
10.0
µA
ILO
Output Leakage Current
VI/O =0V toVCC
10.0
µA
I
SB1
V
CC Standby Current CMOS
CE =V
CC -0.3V to VCC
50.0
µA
ISB2
VCC Standby Current TTL
CE =2.0V toVCC
0.5
mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
25.0
mA
V
IL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
V
OH
Output High Voltage
I
OH =-400µA
2.4
V


Similar Part No. - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com