Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV2048A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49BV2048A
Description  2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV2048A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49BV2048A Datasheet HTML 1Page - ATMEL Corporation AT49BV2048A Datasheet HTML 2Page - ATMEL Corporation AT49BV2048A Datasheet HTML 3Page - ATMEL Corporation AT49BV2048A Datasheet HTML 4Page - ATMEL Corporation AT49BV2048A Datasheet HTML 5Page - ATMEL Corporation AT49BV2048A Datasheet HTML 6Page - ATMEL Corporation AT49BV2048A Datasheet HTML 7Page - ATMEL Corporation AT49BV2048A Datasheet HTML 8Page - ATMEL Corporation AT49BV2048A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
AT49BV/LV2048A
1914D–FLASH–03/02
SECTOR ERASE: As an alternative to a full chip erase, the device is organized into four sec-
tors that can be individually erased. There are two 4K word parameter block sections, one
boot block, and the main memory array block. The Sector Erase command is a six-bus cycle
operation. The sector address is latched on the falling WE edge of the sixth cycle while the
30H data input command is latched at the rising edge of WE. The sector erase starts after the
rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will auto-
matically time to completion. Whenever the main memory block is erased and reprogrammed,
the two parameter blocks should be erased and reprogrammed before the main memory block
is erased again. Whenever a parameter block is erased and reprogrammed, the other param-
eter block should be erased and reprogrammed before the first parameter block is erased
again. Whenever the boot block is erased and reprogrammed, the main memory block and the
parameter blocks should be erased and reprogrammed before the boot block is erased again.
BYTE/WORD PROGRAMMING: Once a memory block is erased, it is programmed (to a logic
“0”) on a byte-by-byte or word-by-word basis. Programming is accomplished via the internal
device command register and is a four-bus cycle operation. The device will automatically gen-
erate the required internal program pulses.
Any commands written to the chip during the embedded programming cycle will be ignored. If
a hardware reset happens during programming, the data at the location being programmed
will be corrupted. Please note that a data “0” cannot be programmed back to a “1”; only erase
operations can convert “0”s to “1”s. Programming is completed after the specified tBP cycle
time. The Data Polling feature may also be used to indicate the end of a program cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The device has one designated block that has
a programming lockout feature. This feature prevents programming of data in the designated
block once the feature has been enabled. The size of the block is 8K words. This block,
referred to as the boot block, can contain secure code that is used to bring up the system.
Enabling the lockout feature will allow the boot code to stay in the device while data in the rest
of the device is updated. This feature does not have to be activated; the boot block’s usage as
a write-protected region is optional to the user. The address range of the boot block is 00000H
to 01FFFH.
Once the feature is enabled, the data in the boot block can no longer be erased or pro-
grammed when input levels of 5.5V or less are used. Data in the main memory block can still
be changed through the regular programming method. To activate the lockout feature, a series
of six program commands to specific addresses with specific data must be performed. Please
refer to the Command Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software method is available to determine if pro-
gramming of the boot block section is locked out. When the device is in the software product
identification mode (see Software Product Identification Entry and Exit sections) a read from
the following address location will show if programming the boot block is locked out – 00002H.
If the data on I/O0 is low, the boot block can be programmed; if the data on I/O0 is high, the
program lockout feature has been enabled and the block cannot be programmed. The soft-
ware product identification exit code should be used to return to standard operation.
BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE: The user can override the boot
block programming lockout by taking the RESET pinto12volts during theentirechiperase,
sector erase or word programming operation. When the RESET pin is brought back to TTL
levels the boot block programming lockout feature is again active.


Similar Part No. - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com