Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV2048A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49BV2048A
Description  2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV2048A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49BV2048A Datasheet HTML 7Page - ATMEL Corporation AT49BV2048A Datasheet HTML 8Page - ATMEL Corporation AT49BV2048A Datasheet HTML 9Page - ATMEL Corporation AT49BV2048A Datasheet HTML 10Page - ATMEL Corporation AT49BV2048A Datasheet HTML 11Page - ATMEL Corporation AT49BV2048A Datasheet HTML 12Page - ATMEL Corporation AT49BV2048A Datasheet HTML 13Page - ATMEL Corporation AT49BV2048A Datasheet HTML 14Page - ATMEL Corporation AT49BV2048A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
AT49BV/LV2048A
1914D–FLASH–03/02
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under Command Definitions.)
3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tBP
Byte/Word Programming Time
30
µs
t
AS
Address Setup Time
0
ns
t
AH
Address Hold Time
70
ns
t
DS
Data Setup Time
70
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
70
ns
tWPH
Write Pulse Width High
50
ns
t
EC
Erase Cycle Time
10
seconds
OE
INPUT DATA
ADDRESS
A0
55
5555
5555
AA
2AAA
t BP
t WPH
t WP
CE
WE
t
AS
tAH
t DH
t DS
5555
AA
PROGRAM CYCLE
A0-A16
DATA
OE
(1)
AA
80
55
55
5555
5555
AA
2AAA
2AAA
t
WPH
t
WP
CE
WE
t AS
tAH
t EC
t DH
t DS
5555
A0-A16
DATA
Note 2
Note 3
WORD 0
WORD 1
WORD 2
WORD 3
WORD 4
WORD 5


Similar Part No. - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com