Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM361M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM361M/NOPB
Description  High Speed Differential Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM361M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM361M/NOPB Datasheet HTML 8Page - Texas Instruments LM361M/NOPB Datasheet HTML 9Page - Texas Instruments LM361M/NOPB Datasheet HTML 10Page - Texas Instruments LM361M/NOPB Datasheet HTML 11Page - Texas Instruments LM361M/NOPB Datasheet HTML 12Page - Texas Instruments LM361M/NOPB Datasheet HTML 13Page - Texas Instruments LM361M/NOPB Datasheet HTML 14Page - Texas Instruments LM361M/NOPB Datasheet HTML 15Page - Texas Instruments LM361M/NOPB Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MECHANICAL DATA
MMBC006 – MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LME (O–MBCY–W10)
METAL CYLINDRICAL PACKAGE
7
8
4202488/A 03/01
0.335 (8,51)
0.370 (9,40)
0.335 (8,51)
0.305 (7,75)
0.185 (4,70)
0.165 (4,19)
0.500 (12,70) MIN
0.010 (0,25)
0.040 (1,02)
0.040 (1,02)
0.010 (0,25)
0.016 (0,41)
0.021 (0,53)
0.045 (1,14)
0.029 (0,74)
0.028 (0,71)
0.034 (0,86)
0.120 (3,05)
0.160 (4,06)
0.120 (3,05)
0.110 (2,79)
ø
ø
ø
ø
Seating
Plane
36°
3
1
10
9
4
5
6
2
0.230 (5,84)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Leads in true position within 0.010 (0,25) R @ MMC at seating plane.
D. Pin numbers shown for reference only. Numbers may not be marked on package.
E. Falls within JEDEC MO–006/TO-100.


Similar Part No. - LM361M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM361M NSC-LM361M Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Texas Instruments
LM361M TI1-LM361M Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
LM361MNOPB TI1-LM361MNOPB Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
LM361MX TI1-LM361MX Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
LM361MXNOPB TI1-LM361MXNOPB Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
More results

Similar Description - LM361M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
logo
Texas Instruments
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
Differential Comparators
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com