Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM361M/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM361M/NOPB
Description  High Speed Differential Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM361M/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM361M/NOPB Datasheet HTML 1Page - Texas Instruments LM361M/NOPB Datasheet HTML 2Page - Texas Instruments LM361M/NOPB Datasheet HTML 3Page - Texas Instruments LM361M/NOPB Datasheet HTML 4Page - Texas Instruments LM361M/NOPB Datasheet HTML 5Page - Texas Instruments LM361M/NOPB Datasheet HTML 6Page - Texas Instruments LM361M/NOPB Datasheet HTML 7Page - Texas Instruments LM361M/NOPB Datasheet HTML 8Page - Texas Instruments LM361M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM161, LM361
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
www.ti.com
LOGIC DIAGRAM
*Output is low when current is drawn from strobe pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Positive Supply Voltage, V+
+16V
Negative Supply Voltage, V
−16V
Gate Supply Voltage, VCC
+7V
Output Voltage
+7V
Differential Input Voltage
±5V
Input Common Mode Voltage
±6V
Power Dissipation
600 mW
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
TMIN
TMAX
LM161
−55°C to +125°C
−25°C to +85°C
LM361
0°C to +70°C
Lead Temp. (Soldering, 10 seconds)
260°C
For Any Device Lead Below V
0.3V
(1)
The device may be damaged by use beyond the maximum ratings.
Operating Conditions
Min
Typ
Max
LM161
5V
15V
Supply Voltage V+
LM361
5V
15V
LM161
−6V
−15V
Supply Voltage V
LM361
−6V
−15V
LM161
4.5V
5V
5.5V
Supply Voltage VCC
LM361
4.75V
5V
5.25V
ESD Tolerance (1)
1600V
PDIP Package
Soldering (10 seconds)(2)
260°C
SOIC Package
Vapor Phase (60
215°C
Soldering Information(2)
seconds)
Infrared (15 seconds)
220°C
(1)
Human body model, 1.5 k
Ω in series with 100 pF.
(2)
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM161 LM361


Similar Part No. - LM361M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM361M NSC-LM361M Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM361M TI1-LM361M Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
LM361MNOPB TI1-LM361MNOPB Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
LM361MX TI1-LM361MX Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
LM361MXNOPB TI1-LM361MXNOPB Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
More results

Similar Description - LM361M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
[Old version datasheet]   LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
logo
Texas Instruments
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com