Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 4 Page - Analog Devices

  ADV7125 Datasheet HTML 1Page - Analog Devices ADV7125 Datasheet HTML 2Page - Analog Devices ADV7125 Datasheet HTML 3Page - Analog Devices ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADV7125
5 V TIMING SPECIFICATIONS
1 (VAA = 5 V ± 5%
2, V
REF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications TMIN to TMAX
3,
unless otherwise noted, TJ MAX = 110 C.)
Parameter
Min
Typ
Max
Unit
Condition
ANALOG OUTPUTS
Analog Output Delay, t6
5.5
ns
Analog Output Rise/Fall Time, t7
4
1.0
ns
Analog Output Transition Time, t8
5
15
ns
Analog Output Skew, t9
6
12ns
CLOCK CONTROL
fCLK
7
0.5
50
MHz
50 MHz Grade
fCLK
7
0.5
140
MHz
140 MHz Grade
fCLK
7
0.5
240
MHz
240 MHz Grade
Data and Control Setup, t1
6
0.5
ns
Data and Control Hold, t2
6
1.5
ns
Clock Period, t3
4.17
ns
Clock Pulsewidth High, t4
6
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth Low, t5
6
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth High, t4
6
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth Low, t5
6
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth High, t4
8.0
ns
fCLK_MAX = 50 MHz
Clock Pulsewidth Low, t5
8.0
ns
fCLK_MAX = 50 MHz
Pipeline Delay, tPD
6
1.0
1.0
1.0
Clock Cycles
PSAVE Up Time, t10
6
210
ns
NOTES
1Timing specifications are measured with input levels of 3.0 V (V
IH) and 0 V (VIL) for both 5 V and 3.3 V supplies.
2These maximum and minimum specifications are guaranteed over this range.
3Temperature range T
MIN to TMAX: –40
°C to +85°C at 50 MHz and 140 MHz, 0°C to +70°C at 240 MHz.
4Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5Measured from 50% point of full-scale transition to 2% of final value.
6Guaranteed by characterization.
7f
CLK max specification production tested at 125 MHz and 5 V. Limits specified here are guaranteed by characterization.
Specifications subject to change without notice.


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com