Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices ADV7125 Datasheet HTML 10Page - Analog Devices ADV7125 Datasheet HTML 11Page - Analog Devices ADV7125 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. 0
–12–
ADV7125
Analog Signal Interconnect
The ADV7125 should be located as close as possible to the
output connectors, thus minimizing noise pickup and reflections
due to impedance mismatch.
The video output signals should overlay the ground plane and
not the analog power plane, thereby maximizing the high fre-
quency power supply rejection.
For optimum performance, the analog outputs should each have
a source termination resistance to ground of 75
Ω (doubly termi-
nated 75
Ω configuration). This termination resistance should
be as close as possible to the ADV7125 to minimize reflections.
Additional information on PCB design is available in an application
note entitled Design and Layout of a Video Graphics System for
Reduced EMI. This application note is available from Analog
Devices, publication no. E1309–15–10/89 (www.analog.com/
library/applicationNotes/designTech/AN333.pdf).
OUTLINE DIMENSIONS
48-Lead Plastic Quad Flatpack [LQFP]
1.4 mm Thick
(ST-48)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
7.00
BSC
SEATING
PLANE
1.60 MAX
0.75
0.60
0.45
VIEW A
7
3.5
0
0.20
0.09
1.45
1.40
1.35
0.15
0.05
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90 CCW
PIN 1
INDICATOR
9.00 BSC
COMPLIANT TO JEDEC STANDARDS MS-026BBC
SEATING
PLANE
GND
RSET
IOR
IOG
IOB
ADV7125
75
COMP
COMPLEMENTARY
OUTPUTS
R7–R0
G7–G0
B7–B0
CLOCK
VIDEO
DATA
INPUTS
ANALOG GROUND PLANE
L1
(FERRITE BEAD)
VAA
VREF
RSET
530
IOR
IOG
IOB
75
75
75
75
0.1 F
0.1 F
10 F
0.01 F
33 F
0.1 F
5V (VAA)
POWER SUPPLY DECOUPLING (0.1 F AND 0.01 F
CAPACITOR FOR EACH VAA GROUP)
COAXIAL CABLE
75
13, 29,
30
1, 2, 14, 15,
25, 26, 39, 40
41–48
3–10
16–23
MONITOR
(CRT)
BNC
CONNECTORS
5V (VAA)
VCC
VAA
SYNC
BLANK
PSAVE
75
Figure 7. Typical Connection Diagram


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com