Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices ADV7125 Datasheet HTML 10Page - Analog Devices ADV7125 Datasheet HTML 11Page - Analog Devices ADV7125 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
–10–
ADV7125
Therefore, if we have a graphics system with a 1024
× 1024
resolution, a noninterlaced 60 Hz refresh rate, and a retrace
factor of 0.8, then:
Dot Rate
×
1024
1024
60 0 8
/.
= 78 6
.
MHz
The required CLOCK frequency is thus 78.6 MHz.
All video data and control inputs are latched into the ADV7125
on the rising edge of CLOCK, as previously described in the
Digital Inputs section. It is recommended that the CLOCK
input to the ADV7125 be driven by a TTL buffer (e.g., 74F244).
Video Synchronization and Control
The ADV7125 has a single composite sync (
SYNC) input con-
trol. Many graphics processors and CRT controllers have the
ability to generate horizontal sync (HSYNC), vertical sync
(VSYNC), and composite
SYNC.
In a graphics system that does not automatically generate a
composite
SYNC signal, the inclusion of some additional logic
circuitry enables the generation of a composite
SYNC signal.
The sync current is internally connected directly to the IOG
output, thus encoding video synchronization information onto
the green video channel. If it is not required to encode sync
information onto the ADV7125, the
SYNC input should be tied
to logic low.
Reference Input
The ADV7125 contains an on-board voltage reference. The
VREF pin is normally terminated to VAA through a 0.1
µF capaci-
tor. Alternatively, the part could, if required, be overdriven by
an external 1.23 V reference (AD1580).
A resistance, RSET, connected between the RSET pin and GND
determines the amplitude of the output video level according to
Equations 1 and 2 for the ADV7125:
IOG
mA
V
V
R
REF
SET
*
()
()
( )
11 444 8
,.
/
(1)
IOR IOB mA
V
V
R
REF
SET
,,
.
/
()
()
( )
7 989 6
(2)
*Applies to the ADV7125 only when SYNC is being used. If SYNC is not being
encoded onto the green channel, Equation 1 will be similar to Equation 2.
Using a variable value of RSET allows for accurate adjustment of
the analog output video levels. Use of a fixed 560
Ω RSET resistor
yields the analog output levels quoted in the specification page.
These values typically correspond to the RS-343A video wave-
form values as shown in Figure 3.
DACs
The ADV7125 contains three matched 8-bit DACs. The DACs
are designed using an advanced, high speed, segmented archi-
tecture. The bit currents corresponding to each digital input are
routed to either the analog output (bit = “1”) or GND (bit = “0”)
by a sophisticated decoding scheme. As all this circuitry is on
one monolithic device, matching between the three DACs is
optimized. As well as matching, the use of identical current sources
in a monolithic design guarantees monotonicity and low glitch.
The on-board operational amplifier stabilizes the full-scale
output current against temperature and power supply variations.
Analog Outputs
The ADV7125 has three analog outputs, corresponding to the
red, green, and blue video signals.
The red, green, and blue analog outputs of the ADV7125 are
high impedance current sources. Each one of these three RGB
current outputs is capable of directly driving a 37.5
Ω load,
such as a doubly terminated 75
Ω coaxial cable. Figure 4a
shows the required configuration for each of the three RGB
outputs connected into a doubly terminated 75
Ω load. This
arrangement develops RS-343A video output voltage levels
across a 75
Ω monitor.
A suggested method of driving RS-170 video levels into a 75
monitor is shown in Figure 4b. The output current levels of the
DACs remain unchanged, but the source termination resistance,
ZS, on each of the three DACs is increased from 75
Ω to 150 Ω.
IOR, IOG, IOB
ZO = 75
(CABLE)
ZS = 75
(SOURCE
TERMINATION)
TERMINATION REPEATED THREE TIMES
FOR RED, GREEN, AND BLUE DACs
ZL = 75
(MONITOR)
DACs

Figure 4a. Analog Output Termination for RS-343A
IOR, IOG, IOB
ZO = 75
(CABLE)
ZS = 150
(SOURCE
TERMINATION)
TERMINATION REPEATED THREE TIMES
FOR RED, GREEN, AND BLUE DACs
ZL = 75
(MONITOR)
DACs

Figure 4b. Analog Output Termination for RS-170
More detailed information regarding load terminations for various
output configurations, including RS-343A and RS-170, is avail-
able in an application note entitled, Video Formats and Required
Load Terminations available from Analog Devices,
(www.analog.com/library/applicationNotes/video/AN205.pdf).
Figure 3 shows the video waveforms associated with the three RGB
outputs driving the doubly terminated 75
Ω load of Figure 4a. As
well as the gray scale levels (black level to white level), the diagram
also shows the contributions of
SYNC and BLANK for the
ADV7125. These control inputs add appropriately weighted cur-
rents to the analog outputs, producing the specific output level
requirements for video applications. Table I details how the
SYNC
and
BLANK inputs modify the output levels.
Grayscale Operation
The ADV7125 can be used for standalone, grayscale (mono-
chrome) or composite video applications (i.e., only one channel
used for video information). Any one of the three channels, red,
green, or blue, can be used to input the digital video data. The
two unused video data channels should be tied to logical zero.
The unused analog outputs should be terminated with the same
load as that for the used channel. In other words, if the red


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com