Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7125 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7125
Description  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7125 Datasheet(HTML) 5 Page - Analog Devices

  ADV7125 Datasheet HTML 1Page - Analog Devices ADV7125 Datasheet HTML 2Page - Analog Devices ADV7125 Datasheet HTML 3Page - Analog Devices ADV7125 Datasheet HTML 4Page - Analog Devices ADV7125 Datasheet HTML 5Page - Analog Devices ADV7125 Datasheet HTML 6Page - Analog Devices ADV7125 Datasheet HTML 7Page - Analog Devices ADV7125 Datasheet HTML 8Page - Analog Devices ADV7125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADV7125
–5–
3.3 V TIMING SPECIFICATIONS1
(VAA = 3.0 V to 3.6 V
2, V
REF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications TMIN
to TMAX
3, unless otherwise noted, T
J MAX = 110 C.)
Parameter
Min
Typ
Max
Unit
Condition
ANALOG OUTPUTS
Analog Output Delay, t6
7.5
ns
Analog Output Rise/Fall Time, t7
4
1.0
ns
Analog Output Transition Time, t8
5
15
ns
Analog Output Skew, t9
6
12ns
CLOCK CONTROL
fCLK
7
50
MHz
50 MHz Grade
fCLK
7
140
MHz
140 MHz Grade
fCLK
7
240
MHz
240 MHz Grade
fCLK
7
330
MHz
330 MHz Grade
Data and Control Setup, t1
6
0.2
ns
Data and Control Hold, t2
6
1.5
ns
Clock Period, t3
3ns
Clock Pulsewidth High, t4
6
1.4
ns
fCLK_MAX = 330 MHz
Clock Pulsewidth Low, t5
6
1.4
ns
fCLK_MAX = 330 MHz
Clock Pulsewidth High, t4
6
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth Low, t5
6
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth High, t4
6
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth Low, t5
6
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth High, t4
8.0
ns
fCLK_MAX = 50 MHz
Clock Pulsewidth Low, t5
8.0
ns
fCLK_MAX = 50 MHz
Pipeline Delay, tPD
6
1.0
1.0
1.0
Clock Cycles
PSAVE Up Time, t10
6
410
ns
NOTES
1Timing specifications are measured with input levels of 3.0 V (V
IH) and 0 V (VIL) for 3.3 V supplies.
2These maximum and minimum specifications are guaranteed over this range.
3Temperature range: T
MIN to TMAX: –40
°C to +85°C at 50 MHz and 140 MHz, 0°C to +70°C at 240 MHz and 330 MHz.
4Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5Measured from 50% point of full-scale transition to 2% of final value.
6Guaranteed by characterization.
7f
CLK max specification production tested at 125 MHz and 5 V. Limits specified here are guaranteed by characterization.
Specifications subject to change without notice.
t2
CLOCK
DATA
NOTES
1. OUTPUT DELAY (
t6) MEASURED FROM THE 50% POINT OF THE RISING EDGE OF CLOCK TO THE 50% POINT
OF FULL-SCALE TRANSITION.
2. OUTPUT RISE/FALL TIME (
t7) MEASURED BETWEEN THE 10% AND 90% POINTS OF FULL-SCALE TRANSITION.
3. TRANSITION TIME (
t8) MEASURED FROM THE 50% POINT OF FULL-SCALE TRANSITION TO WITHIN 2% OF THE
FINAL OUTPUT VALUE.
ANALOG OUTPUTS
(IOR,
IOR, IOG, IOG, IOB, IOB)
DIGITAL INPUTS
(R7–R0, G7–G0, B7–B0,
SYNC, BLANK)
t3
t4
t5
t1
t8
t6
t7
Figure 1. Timing Diagram


Similar Part No. - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7125 AD-ADV7125 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125BCPZ170 AD-ADV7125BCPZ170 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125BCPZ170-RL AD-ADV7125BCPZ170-RL Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results

Similar Description - ADV7125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com