Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVE-9111 Datasheet(PDF) 1 Page - Level One

Part # HVE-9111
Description  HDMI over Cat.5 Receiver, 300m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

HVE-9111 Datasheet(HTML) 1 Page - Level One

  HVE-9111 Datasheet HTML 1Page - Level One HVE-9111 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVE-9111R 하드웨어 버전: 1
HDMI over Cat.5 Receiver, 300m
The LevelOne 300 Metre HDMI Extender offers a ground-breaking solution for long range HDMI deployments,
extending the range of Ultra HD signal broadcasts up to 300 metres from the source. Featuring both a transmitter and a
receiver, signals are distributed over Ethernet cables, providing a crystal-clear, high-definition signal without the
expense of using optical fiber.The LevelOne 300 Metre HDMI Extender features an in-built 4K Ultra HD video scaler,
revolutionary technology which enables the user to find the optimal signal, regardless of the input specifications.
Key Features
- Transmission distance of up to 300m for 4k2k resoltuion
- HDMI outputs with EDID management
- Screw-in power socket for added safety
정상 작동
HVE-9114T
HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
제품사양
System Specifications
Connectors and Cabling:
1 x RJ45 input
1 x HDMI output
Button/Knob:
1 x Focus knob
1 x Gain Knob
Resolution:
4k x 2k @30 Hz
Power Input:
DC 5V/2A
Power Consumption:
1200mA
Bandwidth:
25-340MHz
www.level1.com
Page 1 of 2


Similar Part No. - HVE-9111

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
Screw-in power socket for added safety
More results

Similar Description - HVE-9111

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9000 LVL1-HVE-9000 Datasheet
186Kb / 3P
HDSpider Long Range Cat.5 HDMI Receiver
HVE-9001 LVL1-HVE-9001 Datasheet
184Kb / 3P
HDSpider Cat.5 HDMI Sender
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
HDMI over Cat.5 Extender Kit, 300m
HVE-9114T LVL1-HVE-9114T Datasheet
320Kb / 2P
HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com