Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVE-9111 Datasheet(PDF) 2 Page - Level One

Part # HVE-9111
Description  HDMI over Cat.5 Receiver, 300m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

HVE-9111 Datasheet(HTML) 2 Page - Level One

  HVE-9111 Datasheet HTML 1Page - Level One HVE-9111 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance
Operating Distance:
Up to 300m
Environment
Temperature (°C):
Operating: 0°C ~ 48°C
Storage: -20°C ~ 60°C
Humidity (Non-condensing):
10~80% RH
Physical Specifications
Dimensions (W x D x H mm):
130 x 92 x 35
Weight (g):
365g
Order Information
HVE-9111R
Package Contents
HVE-9111R
Power Adapter
Power Cord
Quick Installation Guide
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 2 of 2


Similar Part No. - HVE-9111

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
Screw-in power socket for added safety
More results

Similar Description - HVE-9111

ManufacturerPart #DatasheetDescription
logo
Level One
HVE-9000 LVL1-HVE-9000 Datasheet
186Kb / 3P
HDSpider Long Range Cat.5 HDMI Receiver
HVE-9001 LVL1-HVE-9001 Datasheet
184Kb / 3P
HDSpider Cat.5 HDMI Sender
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
HDMI over Cat.5 Extender Kit, 300m
HVE-9114T LVL1-HVE-9114T Datasheet
320Kb / 2P
HDMI over Cat.5 Transmitter, 300m, 4 Channel Outputs
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com